Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLD5000 Datasheet(PDF) 2 Page - Wavelength Electronics, Inc.

Part # PLD5000
Description  TEST LOAD BASICS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

PLD5000 Datasheet(HTML) 2 Page - Wavelength Electronics, Inc.

  PLD5000 Datasheet HTML 1Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 2Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 3Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 4Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GO POUND GROUND ...
ABOUT TEST LOADS IN CONSTANT
CURRENT MODE
Using Constant Current when setting up the test load
allows you to set the Current Limit and Current Setpoint.
Wavelength trimpots are 12-turn trimpots and are turned
counter clockwise (CCW) for off and clockwise (CW) for on,
the exception being the LDTC 2/2 E & O, where they are
reversed. Consult the product documentation to verify the
direction before proceeding.
NOTE:
The 12-turn trimpots continue to turn after the 12th
turn has been reached. Any additional turns do not vary the
resistance.
13
13
13
Figure 1. Example Test Loads for a Laser Diode in
Constant Current Mode
SET UP THE LASER DIODE TEST LOAD
USING CONSTANT CURRENT MODE
1. Attach a test load between the Laser Diode Anode (LDA)
and Laser Diode Cathode (LDC) of the laser diode driver
(see Figure 1).
2. Set the driver in Constant Current mode.
3. Connect the multimeter, in voltage mode, between the
Current Monitor (I
MON) and common Ground (GND) pins.
4. Turn the Current Limit trimpot fully off, usually 12 full
rotations counterclockwise (CCW).
5. Turn the Current Setpoint trimpot fully on, usually 12 full
rotations clockwise (CW).
6. Attach a 5 V power supply. A higher voltage power
supply can overheat the controller when using test loads.
7. Enable the unit.
8. Use the transfer function calculation in the datasheet to
determine the I
MON reading at the desired current limit.
9. Increase the Current Limit by turning the trimpot, usually
CW, until the desired maximum I
MON limit voltage is
reached and then stop. The Current Limit is now set.
10.Use the transfer function to calculate the I
MON voltage at
the desired operating current.
11. Decrease the Current Setpoint by turning the trimpot,
usually CCW, until the current starts to go down and the
I
MON voltage value is reached.
12.OPTIONAL: Wire a signal generator to the analog
modulation input. The datasheet has the transfer
function equations.
13.OPTIONAL: Replace the multimeter across the I
MON and
GND with an oscilloscope to monitor the output current
variation with time.
14.Once the test load limits have been set and you are
familiar with the system, return the Current Setpoint and
Current Limit trimpots to their respective OFF positions
(usually 12 turns CCW).
NOTE:
If testing a load in Constant Power mode, do
NOT follow this step.
© 2014 • Sales & Technical Support: (406) 587-4910 • email: Sales@teamWavelength.com • web: www.teamWavelength.com
Application Note AN-LDTC04 Rev. A
Page 2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com