Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLD5000 Datasheet(PDF) 3 Page - Wavelength Electronics, Inc.

Part # PLD5000
Description  TEST LOAD BASICS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

PLD5000 Datasheet(HTML) 3 Page - Wavelength Electronics, Inc.

  PLD5000 Datasheet HTML 1Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 2Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 3Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 4Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
GO POUND GROUND ...
ABOUT TEST LOADS IN CONSTANT POWER
MODE
To test or understand the photodiode feedback and current
monitor circuits, you can replace the constant current
test load with one specific to constant power mode. The
circuits in Figure 2 and Figure 3 vary simulated photodiode
feedback current as laser diode output current changes.
The values in Table 1 are based on the following:
•
The voltage at P
MON will be approximately 1 V if the
setpoint is 1 V in CP mode.
•
A 5 V power supply is used
•
The laser diode current (I
LD) will be approximately one
half the maximum capacity of the laser diode driver
model.
NOTE:
If the current limit is set below half of the maximum
capacity of the laser diode driver, the P
MON voltage and
feedback will be lower.
To decrease I
LD, but keep PMON at approximately 1 V, reduce
R
E.
To decrease P
MON for a given laser diode current, increase
R
E. The new PMON will be proportional to the change in RE.
R
L
D1
D2
LD ANODE
0.33 μF
R
E
PD ANODE
LD CATHODE
Figure 2. Test Load for a Laser Diode (Type A/B) in
Constant Power Mode
R
E
D1
D2
2N3904
R
L
0.33 μF
PD CATHODE
LD ANODE
LD CATHODE
Figure 3. Test Load for a Laser Diode (Type C) in Constant
Power Mode
SET UP THE LASER DIODE TEST LOAD
USING CONSTANT POWER MODE
1. With the settings maintained from testing in Constant
Current mode, attach a test load to the LDA, LDC, and
the Photodiode Anode (PDA) (see Figure 2 and Figure
3
).
NOTE:
For any laser package, confirm the laser type
before testing.
2. Set the driver in Constant Power mode and in the correct
PD range to support the photodiode current (PDI) in the
table below.
3. Connect the multimeter, in voltage mode, between the
P
MON and common GND pins.
4. Attach a 5 V power supply. A higher voltage power supply
can overheat the controller when using test loads.
5. Enable the unit.
6. When the Constant Power mode testing is complete,
return the Current Setpoint and Current Limit trimpots to
their respective OFF positions (usually 12 turns CCW).
Table 1. Load Parameters
MODEL
R
L (Ω)VRL (V)RE (Ω)
D1, D2
PDI
FL591FL
8.8
1.1
1000
1N4001
500 μA
FL593FL
8.8
1.6
1000
1N4001
500 μA
LDD200P -1 & 2P
16
1.6
1000
1N4001
1.0 mA
LDD200P-3P
16
1.6
2000
1N4001
50 μA
LDD400P -1&2P
8
1.6
1000
1N4001
1.0 mA
LDD400P-3P
8
1.6
2000
1N4001
50 μA
LDTC0520
4.4
1.1
1000
1N4001
500 μA
LDTC1020
2.2
1.1
1000
80SQ035
500 μA
LDTC2/2 (E or O)
1.1
1.1
4990
80SQ035
100 μA
PLD200
16
1.6
4990
1N4001
200 μA
PLD500
6.4
1.6
4990
1N4001
200 μA
PLD1250
2.56
1.6
4990
80SQ035
200 μA
PLD5000
0.64
1.6
4990
80SQ035
200 μA
PLD6500
0.49
1.6
4990
80SQ035
200 μA
PLD10000
0.32
1.6
4990
STPS20M100ST
200 μA
PLD12500
0.256
1.6
4990
STPS20M100ST
200 μA
PLD5K-CH
0.64
1.6
4990
80SQ035
200 μA
PLD10K-CH
0.32
1.6
4990
STPS20M100ST
200 μA
PLD12.5K-CH
0.256
1.6
4990
STPS20M100ST
200 μA
WLD3343 or HB
See NOTE below
WLD3343-3A
See NOTE below
NOTE:
Settings for the WLD laser diode driver family are
not given. This is because the photodiode gain resistor is
external to the WLD. Contact the factory for assistance in
setting up a constant power test load for the WLD.
© 2014 • Sales & Technical Support: (406) 587-4910 • email: Sales@teamWavelength.com • web: www.teamWavelength.com
Application Note AN-LDTC04 Rev. A
Page 3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com