Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBD-R2V1-S Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # DBD-R2V1-S
Description  Dual Mode Bi-directional Dual Input Laser Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DBD-R2V1-S Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  DBD-R2V1-S Datasheet HTML 1Page - List of Unclassifed Manufacturers DBD-R2V1-S Datasheet HTML 2Page - List of Unclassifed Manufacturers DBD-R2V1-S Datasheet HTML 3Page - List of Unclassifed Manufacturers DBD-R2V1-S Datasheet HTML 4Page - List of Unclassifed Manufacturers DBD-R2V1-S Datasheet HTML 5Page - List of Unclassifed Manufacturers DBD-R2V1-S Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
550 E. W eddell D rive, Su ite 4 , Sunnyva le, CA 94089 , U. S. A . Tel.: (408 ) 747 -9760 , Fax : (408 ) 747 -9770 , W eb: www .analogtechnologies.com
© Copyright 2000 – 2003, Analog Technologies, Inc. All Rights Reserved.
4
DBD-R2V1
Analog Technologies, Inc.
1
2
R1 10K to 1M
LIO
6
CSLD
16
SCK
14
GND
12
VPS
13
LPI
8
GND
3
2.5V
4
LIS
5
LPS
7
SDI/MIND
15
GND
11
CLGD
2
SD
1
LDC
10
LDA
9
DBD-R2V1
2
3
6
U1
OPA350
5V
To ADC
To ADC
To micro-controller
To micro-controller
D1
Front_PD
Laser
Case Conductor
To micro-controller
To micro-controller
To micro-controller
+5V
Figure 1A Driving a Common Cathode Laser
1
2
R1 10K to 1M
LIO
6
CSLD
16
SCK
14
GND
12
VPS
13
LPI
8
GND
3
2.5V
4
LIS
5
LPS
7
SDI/MIND
15
GND
11
CLGD
2
SD
1
LDC
10
LDA
9
DBD-R2V1
2
3
6
U1
OPA350
5V
To ADC
To ADC
To micro-controller
To micro-controller
D1
Front_PD
Laser
Case Conductor
To micro-controller
To micro-controller
To micro-controller
+5V
Figure 1B Driving a Common Anode Laser
To signal GND
To power supply GND
Signal GND
Signal GND
Signal GND
Signal GND
To power supply GND
To signal GND
N/C
N/C
N/C
N/C
N/C
N/C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com