Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBD-R2V1-S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DBD-R2V1-S
Description  Dual Mode Bi-directional Dual Input Laser Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DBD-R2V1-S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DBD-R2V1-S Datasheet HTML 1Page - List of Unclassifed Manufacturers DBD-R2V1-S Datasheet HTML 2Page - List of Unclassifed Manufacturers DBD-R2V1-S Datasheet HTML 3Page - List of Unclassifed Manufacturers DBD-R2V1-S Datasheet HTML 4Page - List of Unclassifed Manufacturers DBD-R2V1-S Datasheet HTML 5Page - List of Unclassifed Manufacturers DBD-R2V1-S Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
550 E. W eddell D rive, Su ite 4 , Sunnyva le, CA 94089 , U. S. A . Tel.: (408 ) 747 -9760 , Fax : (408 ) 747 -9770 , W eb: www .analogtechnologies.com
© Copyright 2000 – 2003, Analog Technologies, Inc. All Rights Reserved.
1
DBD-R2V1
Analog Technologies, Inc.
Dual Mode Bi-directional Dual Input Laser Driver
Main features: dual control mode, bi-directional output, dual input mode (analog & digital), high
precision, high reliability, and small package.
Part number:
DBD-R2V1
Maximum output current on LDA and LDC: 200mA
Output voltage range on LDA:
0.8V
8V
Output voltage range on LDC:
-0.8V
-8V
Laser current and power control accuracy:
14bit
Laser current control resolution:
48.8
µA/step
Laser power control resolution:
0.024%/step
Laser current & power digital control signal: TTL, serial
Laser current set-point voltage:
0 to 2.5V
Laser power set-point voltage:
0 to 2.5V
Laser current and power indication voltage:
0 to 2.5V
Laser current indication absolute accuracy:
±0.2%
Current output noise:
0.1% RMS
Soft-start rise time:
0.1 S
Power input DC voltage:
4.75V to 5.25V
Operation mode:
CC (Constant Current) and CP (Constant Power)
Operating temperature:
-20
°C to +85°C
Module dimension:
25.5mm
× 20 mm × 4.5mm
Pin Descriptions
Pin 1
SD, shut down, digital input, positive logic, >2.3V = shut down, <0.5V = enable, normal
threshold voltage = 1V. The input current is between
−1µA and 1µA. It is pulled down by a 20K
resistor to ground.
Pin 2
CLGD, control loop good indication, digital output. The maximum output current is 10mA. A HI
level indicates control loop locked.
Pin 3
GND, signal ground pin. Connect ADC and DAC grounds to here.
Pin 4
2.5V, reference voltage, analog output. It is used by the internal DACs as the reference voltage. It
can source and sink 5mA current with a maximum 20ppm/
°C stability max.
Pin 5
LIS, laser current set-point voltage, analog input. 0V to 2.5V sets the output current from 0 to
200mA linearly. The input impedance of this pin is 20K
Ω. This pin can be set by an external
analog signal source, such as the output of a closed-loop op-amp, POT, or DAC, or set by the
internal DAC B and leave LPS pin unconnected. The internal DAC is connected to the reference
voltage 2.5V, so that its full scale is 2.5V.


Similar Part No. - DBD-R2V1-S

ManufacturerPart #DatasheetDescription
logo
Mobile Mark, Inc.
DBD1 MOBILEMARK-DBD1 Datasheet
335Kb / 1P
VHF/UHF DUAL BAND COUPLER
Rev 2 RA 05/2023
logo
Sanyo Semicon Device
DBD10 SANYO-DBD10 Datasheet
20Kb / 3P
1.0A Single-Phase Bridge Rectifier
logo
ON Semiconductor
DBD10G ONSEMI-DBD10G Datasheet
647Kb / 2P
1.0A Single-Phase Bridge Rectifier
June, 2014
DBD10G-E ONSEMI-DBD10G-E Datasheet
647Kb / 2P
1.0A Single-Phase Bridge Rectifier
June, 2014
DBD10G-E ONSEMI-DBD10G-E Datasheet
647Kb / 2P
1.0A Single-Phase Bridge Rectifier
June, 2014
More results

Similar Description - DBD-R2V1-S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54649L MITSUBISHI-M54649L Datasheet
98Kb / 4P
DUAL Bi-DIRECTIONAL MOTOR DRIVER
logo
NTE Electronics
NTE15006 NTE-NTE15006 Datasheet
22Kb / 2P
Integrated Circuit Dual, Bi-Directional Motor Driver
NTE1774 NTE-NTE1774 Datasheet
22Kb / 2P
Integrated Circuit Dual, Bi-Directional Motor Driver
NTE7091 NTE-NTE7091 Datasheet
21Kb / 2P
Integrated Circuit Dual, Bi-Directional Motor Driver
logo
Burr-Brown (TI)
ISO150 BURR-BROWN-ISO150 Datasheet
156Kb / 9P
Dual, Isolated, Bi-Directional DIGITAL COUPLER
logo
NXP Semiconductors
P82B96 PHILIPS-P82B96 Datasheet
217Kb / 16P
Dual bi-directional bus buffer
2004 Mar 26
logo
Intersil Corporation
EL6207 INTERSIL-EL6207 Datasheet
93Kb / 7P
Dual Laser Driver Oscillator
October 10, 2002
logo
Aimtron Technology
AT5609 AIMTRON-AT5609 Datasheet
174Kb / 5P
Bi-directional Motor Driver
logo
List of Unclassifed Man...
LDA1-CP1 ETC2-LDA1-CP1 Datasheet
49Kb / 5P
Dual Mode Laser Driver
logo
Analog Technologies, In...
LDA1-CP1 ANALOGTECHNOLOGIES-LDA1-CP1 Datasheet
324Kb / 7P
Dual Mode Laser Driver
1/24/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com