Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GH-CSSRM5-24 Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # GH-CSSRM5-24
Description  OSLON® Square
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GH-CSSRM5-24 Datasheet(HTML) 2 Page - ams-OSRAM AG

  GH-CSSRM5-24 Datasheet HTML 1Page - ams-OSRAM AG GH-CSSRM5-24 Datasheet HTML 2Page - ams-OSRAM AG GH-CSSRM5-24 Datasheet HTML 3Page - ams-OSRAM AG GH-CSSRM5-24 Datasheet HTML 4Page - ams-OSRAM AG GH-CSSRM5-24 Datasheet HTML 5Page - ams-OSRAM AG GH-CSSRM5-24 Datasheet HTML 6Page - ams-OSRAM AG GH-CSSRM5-24 Datasheet HTML 7Page - ams-OSRAM AG GH-CSSRM5-24 Datasheet HTML 8Page - ams-OSRAM AG GH-CSSRM5-24 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
GH CSSRM5.24
DATASHEET
DATASHEET
2 | Version 1.1 | 2023-01-18
OSLON® Square
GH CSSRM5.24
OSLON® Square Hyper Red with best value for highest PPF/W.
Most compact high-power LED with proven robustness, high
reliability, long lifetime and low thermal resistance.
Applications
- Agriculture & Horticulture
- Entertainment
- Indoor Lighting
- Outdoor & Industrial Lighting
Features
- Package: SMD ceramic package with silicone lens
- Typ. Radiation: 120° (Lambertian emitter)
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Radiant Flux: typ. 1068 mW @ 700mA; typ. 540 mW @ 350mA
- Radiant Efficiency: typ. 77% @ 700mA; typ. 83% @ 350mA
- Photosynthetic Photon Flux: typ. 5.83 μmol/s @ 700mA ; typ. 2.95 μmol/s @ 350mA
- Photon Flux Efficacy: typ 4.19 μmol/J @ 700mA ; typ 4.51 μmol/J @ 350mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com