Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GH-CSSRM5-24 Datasheet (PDF) - ams-OSRAM AG

GH-CSSRM5-24 Datasheet PDF - ams-OSRAM AG
Part # GH-CSSRM5-24
Download  GH-CSSRM5-24 Download
File Size   1750.6 Kbytes
Page   22 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSLON® Square

GH-CSSRM5-24 Datasheet (PDF)

Go To PDF Page Download Datasheet
GH-CSSRM5-24 Datasheet PDF - ams-OSRAM AG

Part # GH-CSSRM5-24
Download  GH-CSSRM5-24 Click to download

File Size   1750.6 Kbytes
Page   22 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSLON® Square

GH-CSSRM5-24 Datasheet (HTML) - ams-OSRAM AG


GH-CSSRM5-24 Product details

Applications
- Agriculture & Horticulture
- Entertainment
- Indoor Lighting
- Outdoor & Industrial Lighting
Features
- Package: SMD ceramic package with silicone lens
- Typ. Radiation: 120° (Lambertian emitter)
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Radiant Flux: typ. 1068 mW @ 700mA; typ. 540 mW @ 350mA
- Radiant Efficiency: typ. 77% @ 700mA; typ. 83% @ 350mA
- Photosynthetic Photon Flux: typ. 5.83 μmol/s @ 700mA ; typ. 2.95 μmol/s @ 350mA
- Photon Flux Efficacy: typ 4.19 μmol/J @ 700mA ; typ 4.51 μmol/J @ 350mA





Similar Part No. - GH-CSSRM5-24

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
GH-CSSRM2-24 AMSOSRAM-GH-CSSRM2-24 Datasheet
1Mb / 23P
OSLON® Square
Version 1.7 2021-09-24
logo
OSRAM GmbH
GH-CSSRM2.24 OSRAM-GH-CSSRM2.24 Datasheet
1Mb / 22P
SMT ceramic package with silicone resin and silicone lens
logo
ams-OSRAM AG
GH-CSSRM3-24 AMSOSRAM-GH-CSSRM3-24 Datasheet
1Mb / 22P
OSLON® Square
Version 1.7 2022-08-08
GH-CSSRM4-24 AMSOSRAM-GH-CSSRM4-24 Datasheet
1Mb / 22P
OSLON® Square
Version 1.8 2024-12-03
GH-CSSRM6-24 AMSOSRAM-GH-CSSRM6-24 Datasheet
1Mb / 22P
OSLON® Square
Version 1.2 2025-01-02
More results


Similar Description - GH-CSSRM5-24

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KWCSLPM2.PC OSRAM-KWCSLPM2.PC Datasheet
836Kb / 25P
OSLON Square Flat
GWCSSRM2.EM OSRAM-GWCSSRM2.EM Datasheet
1Mb / 25P
OSLON Square
GWCSSRM2.EM OSRAM-GWCSSRM2.EM_17 Datasheet
1Mb / 25P
OSLON Square
LDCQAR OSRAM-LDCQAR Datasheet
9Mb / 22P
OSLON Square
GHCSSRM2.24 OSRAM-GHCSSRM2.24 Datasheet
1Mb / 22P
OSLON Square
GDCSSRM2.14 OSRAM-GDCSSRM2.14 Datasheet
3Mb / 22P
OSLON Square
GHCSSRML.24 OSRAM-GHCSSRML.24 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-04-29
GDCSSRML.14 OSRAM-GDCSSRML.14 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-07-07
logo
ams AG
SFH4715 AMSCO-SFH4715 Datasheet
1Mb / 18P
OSLON® Black OSLON Black Series (850 nm) - 90°
Version 1.6 2019-07-16
SFH4727S AMSCO-SFH4727S Datasheet
1Mb / 17P
OSLON® Black OSLON Black Series (940 nm) - 50°
Version 1.1 2020-08-26
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com