Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GH-CSSRML-24 Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # GH-CSSRML-24
Description  GH CSSRML.24
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GH-CSSRML-24 Datasheet(HTML) 2 Page - ams-OSRAM AG

  GH-CSSRML-24 Datasheet HTML 1Page - ams-OSRAM AG GH-CSSRML-24 Datasheet HTML 2Page - ams-OSRAM AG GH-CSSRML-24 Datasheet HTML 3Page - ams-OSRAM AG GH-CSSRML-24 Datasheet HTML 4Page - ams-OSRAM AG GH-CSSRML-24 Datasheet HTML 5Page - ams-OSRAM AG GH-CSSRML-24 Datasheet HTML 6Page - ams-OSRAM AG GH-CSSRML-24 Datasheet HTML 7Page - ams-OSRAM AG GH-CSSRML-24 Datasheet HTML 8Page - ams-OSRAM AG GH-CSSRML-24 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
GH CSSRML.24
DATASHEET
DATASHEET
2 | Version 1.1 | 2025-08-06
OSLON™ Optimal
GH CSSRML.24
A brand new family of LEDs with our ams OSRAM’s
latest chip technology, delivering significant
performance upgrades. Offered in four colors for ease of design
and flexibility for all your horticulture spectrum needs. With Hy-
per Red (660 nm), Deep Blue (450 nm), Far Red (730 nm) and
Horti White options to select from both narrow spectrum and full
spectrum solutions can be designed to meet all crop needs for
both greenhouses and vertical farms.
The OSLON™ Optimal strikes a perfect balance of
performance and cost along with proven robustness,
high reliability and long lifetime.
Applications
- Agriculture & Horticulture
- Entertainment
- Indoor Lighting
- Outdoor & Industrial Lighting
Features
- Package: SMT ceramic package with silicone lens
- Typ. Radiation: 120° (Lambertian emitter)
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Radiant Flux: typ. 520 mW
- Radiant Efficiency: typ. 74.3%
- Photon Flux: typ. 2.84 umol/s
- Photon Flux Efficacy: typ. 4.06 umol/J
Ordering Information
Type
Total radiant flux 1)
Ordering Code
I
F = 350 mA
Φ
E
GH CSSRML.24-UJUM-1-1
450 ... 610 mW
Q65113A4465



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com