Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GH-CSSRML-24 Datasheet (PDF) - ams-OSRAM AG

GH-CSSRML-24 Datasheet PDF - ams-OSRAM AG
Part # GH-CSSRML-24
Download  GH-CSSRML-24 Download
File Size   1855.02 Kbytes
Page   21 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description GH CSSRML.24

GH-CSSRML-24 Datasheet (PDF)

Go To PDF Page Download Datasheet
GH-CSSRML-24 Datasheet PDF - ams-OSRAM AG

Part # GH-CSSRML-24
Download  GH-CSSRML-24 Click to download

File Size   1855.02 Kbytes
Page   21 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description GH CSSRML.24

GH-CSSRML-24 Datasheet (HTML) - ams-OSRAM AG


GH-CSSRML-24 Product details

Applications
- Agriculture & Horticulture
- Entertainment
- Indoor Lighting
- Outdoor & Industrial Lighting
Features
- Package: SMT ceramic package with silicone lens
- Typ. Radiation: 120° (Lambertian emitter)
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Radiant Flux: typ. 520 mW
- Radiant Efficiency: typ. 74.3%
- Photon Flux: typ. 2.84 umol/s
- Photon Flux Efficacy: typ. 4.06 umol/J





Similar Part No. - GH-CSSRML-24

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
GH-CSSRM2-24 AMSOSRAM-GH-CSSRM2-24 Datasheet
1Mb / 23P
OSLON® Square
Version 1.7 2021-09-24
logo
OSRAM GmbH
GH-CSSRM2.24 OSRAM-GH-CSSRM2.24 Datasheet
1Mb / 22P
SMT ceramic package with silicone resin and silicone lens
logo
ams-OSRAM AG
GH-CSSRM3-24 AMSOSRAM-GH-CSSRM3-24 Datasheet
1Mb / 22P
OSLON® Square
Version 1.7 2022-08-08
GH-CSSRM4-24 AMSOSRAM-GH-CSSRM4-24 Datasheet
1Mb / 22P
OSLON® Square
Version 1.8 2024-12-03
GH-CSSRM5-24 AMSOSRAM-GH-CSSRM5-24 Datasheet
1Mb / 22P
OSLON® Square
Version 1.1 2023-01-18
More results


Similar Description - GH-CSSRML-24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GH-C4000H ETC1-GH-C4000H Datasheet
36Kb / 1P
GH-C4000H
logo
Rohm
LPM-5763MU301 ROHM-LPM-5763MU301 Datasheet
87Kb / 2P
24 x 24 dot matrix unit
logo
Pasternack Enterprises,...
PE9870 PASTERNACK-PE9870 Datasheet
76Kb / 1P
WAVEGUIDE TO N FEMALE FREQUENCY RANGE: 7,05~10,0 GH
logo
Cooper Bussmann, Inc.
GH710 COOPER-GH710_15 Datasheet
70Kb / 3P
GH Industrial HRC Fuse Links
logo
List of Unclassifed Man...
GH710 ETC1-GH710 Datasheet
70Kb / 3P
GH Industrial HRC Fuse Links
logo
PHOENIX CONTACT
1772793 PHOENIX-1772793 Datasheet
70Kb / 2P
CRIMPFOX-1,6-ER-1,50-GH
logo
TE Connectivity Ltd
C-T190010XXXXX09 TEC-C-T190010XXXXX09 Datasheet
384Kb / 1P
H10BPR-TS/GH-PG/M-EMC-C
logo
Samtec, Inc
SAM9471-ND SAMTEC-SAM9471-ND Datasheet
322Kb / 1P
75 廓 HD-BNC??TO 12 GH z
logo
Silicon Laboratories
SI4438-C2A-GM SILABS-SI4438-C2A-GM Datasheet
1Mb / 44P
GH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0
logo
ATGBICS by Approved Tec...
SFP-9-GH-C ATGBICS-SFP-9-GH-C Datasheet
195Kb / 7P
SFP-9-GH Rad Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com