Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP-PSLM31-14 Datasheet(PDF) 1 Page - ams-OSRAM AG

Part # GP-PSLM31-14
Description  DURIS® S 5
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GP-PSLM31-14 Datasheet(HTML) 1 Page - ams-OSRAM AG

  GP-PSLM31-14 Datasheet HTML 1Page - ams-OSRAM AG GP-PSLM31-14 Datasheet HTML 2Page - ams-OSRAM AG GP-PSLM31-14 Datasheet HTML 3Page - ams-OSRAM AG GP-PSLM31-14 Datasheet HTML 4Page - ams-OSRAM AG GP-PSLM31-14 Datasheet HTML 5Page - ams-OSRAM AG GP-PSLM31-14 Datasheet HTML 6Page - ams-OSRAM AG GP-PSLM31-14 Datasheet HTML 7Page - ams-OSRAM AG GP-PSLM31-14 Datasheet HTML 8Page - ams-OSRAM AG GP-PSLM31-14 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
GP PSLM31.14
1 Version 1.5 | 2021-07-26
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
GP PSLM31.14
DURIS® S 5
The compact, mid-power Duris® S 5 LED with in-
dustry standard 3030 package that comes with high
efficacy, color quality and long lifetime. Ideal choice
for indoor General Lighting applications.
—
—
Architecture
—
—
Architecture / Garden Lighting (LED & Laser)
—
—
Horticulture Lighting
—
—
Medical Illumination
—
—
Photo Therapy
Features:
—
—
Package: white SMT package, colored diffused silicone resin
—
—
Typ. Radiation: 120° (Lambertian emitter)
—
—
ESD: 4 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3A)
—
—
Radiant Flux: typ. 128 mW
—
—
Radiant Efficiency: typ. 45 %
—
—
Photosynthetic Photon Flux: typ. 0.58 μmol/s
—
—
Photon Efficacy: typ. 2.07 μmol/j


Similar Part No. - GP-PSLM31-14

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
GP-PSLR31-14 AMSOSRAM-GP-PSLR31-14 Datasheet
1Mb / 22P
DURIS® S 5
Version 1.5 2021-07-26
More results

Similar Description - GP-PSLM31-14

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWP7LP32.EM OSRAM-GWP7LP32.EM Datasheet
1Mb / 24P
DURIS S 10
GTDASPA1.13 OSRAM-GTDASPA1.13_18 Datasheet
1Mb / 22P
DURIS P 5
GWT3LTF1.EM OSRAM-GWT3LTF1.EM Datasheet
4Mb / 20P
DURIS L 38
GWJCLPS2.CM OSRAM-GWJCLPS2.CM Datasheet
2Mb / 24P
DURIS E 3
logo
ams AG
GBPSLM31.13 AMSCO-GBPSLM31.13 Datasheet
1Mb / 22P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime.
Version 1.5 2020-11-23
GWP7LM32.PM AMSCO-GWP7LM32.PM Datasheet
1Mb / 22P
DURIS® S 10, latest addition of chip-array SMD family, creates a single spot light design with excellent color uniformity appearance.
Version 1.2 2020-03-18
GWP9LR35.EM AMSCO-GWP9LR35.EM Datasheet
1Mb / 23P
The latest Duris® S 8 generation of LEDs offers an impressive efficacy performance combined with DLC Premium Lifetime achievement.
Version 1.1 2021-08-18
GWP9LR35.PM AMSCO-GWP9LR35.PM Datasheet
1Mb / 25P
The latest Duris® S 8 generation of LEDs offers an impressive efficacy performance combined with DLC Premium Lifetime achievement.
Version 1.10 2022-09-21
GWPSLM32.UL AMSCO-GWPSLM32.UL Datasheet
1Mb / 22P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime.
Version 1.6 2022-01-20
logo
Lapp.
61811110 LAPP-61811110 Datasheet
119Kb / 2P
SILVYN® KLICK-S
30.08.2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com