Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSV2A Datasheet(PDF) 5 Page - Clarke International

Part # CSV2A
Description  SUBMERSIBLE WATER PUMPS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CSV2A Datasheet(HTML) 5 Page - Clarke International

  CSV2A Datasheet HTML 1Page - Clarke International CSV2A Datasheet HTML 2Page - Clarke International CSV2A Datasheet HTML 3Page - Clarke International CSV2A Datasheet HTML 4Page - Clarke International CSV2A Datasheet HTML 5Page - Clarke International CSV2A Datasheet HTML 6Page - Clarke International CSV2A Datasheet HTML 7Page - Clarke International CSV2A Datasheet HTML 8Page - Clarke International CSV2A Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
PREPARATION
1.
ELBOW
Fit the elbow adaptor to the
pump outlet as shown in the
diagram opposite.
2. Screw the multi-hose adaptor
onto the elbow.
• The multi hose adaptor is
capable of accepting 1”,
¾
”and ½” hoses.
3.
1”
¾”
½”
Simply cut the multi hose
connector to the required size
and attach a suitable hose using
with a worm drive clip.
• For maximum efficiency, we
strongly recommend that you
connect a 1
¼” diameter hose
to the multi hose adapter.
• Alternatively, you may remove
the multi adapter altogether,
and screw on a 1
¼” BSP hose adapter.
The pump is completely submersible and should be placed in a vertical
position on a solid flat surface, placing the pump on a couple of house bricks if
required.
SUITABLE HOSES AND SPARE/REPLACEMENT MULTI HOSE ADAPTERS ARE
AVAILABLE FROM YOUR CLARKE DEALER.
WARNING: DISCONNECT THE PUMP FROM THE MAINS POWER SUPPLY
BEFORE CONNECTING THE MULTI HOSE ADAPTOR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com