Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSV2A Datasheet(PDF) 2 Page - Clarke International

Part # CSV2A
Description  SUBMERSIBLE WATER PUMPS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CSV2A Datasheet(HTML) 2 Page - Clarke International

  CSV2A Datasheet HTML 1Page - Clarke International CSV2A Datasheet HTML 2Page - Clarke International CSV2A Datasheet HTML 3Page - Clarke International CSV2A Datasheet HTML 4Page - Clarke International CSV2A Datasheet HTML 5Page - Clarke International CSV2A Datasheet HTML 6Page - Clarke International CSV2A Datasheet HTML 7Page - Clarke International CSV2A Datasheet HTML 8Page - Clarke International CSV2A Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
INTRODUCTION
Thank you for purchasing this CLARKE Submersible Water Pump. CSE pumps
are designed for pumping clean water only and will pump down to a water
level of 20mm.
This pump is designed for pumping clean water or water containing solids in
suspension and is ideally suited for draining ponds, pools, sumps etc. It is not
designed for pumping slurry, sludge, mud or heavily polluted water, or any
water containing chemicals or other acidic contaminants including salt water.
Pumps fitted with float switches are suitable for permanent or semi-permanent
installations where it is necessary to maintain water at a particular level.
As the water level rises, the float switch will rise and start the pump. As the
water level falls, so will the float switch until it stops the pump. Float switches
are factory set to provide the correct on/off switching mode, however, you
can adjust the level at which the pump cuts out by sliding the float switch
cable in its clip attached to the handle, to either shorten or lengthen as
required. The shorter the cable, the earlier it will cut out and therefore, the
deeper the water will remain at this point.
PUMP SPECIFICATION
CSE2
CSD3
CSV1A
CSV2A
Dimensions excluding
the elbow
140 x
302mm
149 x
400mm
143 x
300mm
143 x
335mm
Weight
4.3kg
8.0 kg
4.6 kg
5.6 kg
Cable Size
10 x 0.75
(m x mm2)
15 x 1.0 (m
x mm2)
10 x 0.75
(m x mm2)
10 x 0.75
(m x mm2)
Max. Capacity
253 L/min
95 L/min
118 L/min
236 L/min
Head Max
10 m
45 m
5 m
9 m
Motor Output
750 W
900 W
330 W
650 W
Outlet Diameter
1
¼”/
32mm
1”/ 25mm
1
¼”/
32mm
1
¼”/
32mm
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com