Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR6-3USBK Datasheet(PDF) 4 Page - PATLITE CORPORATION.

Part # LR6-3USBK
Description  USB Signal Tower / Body Unit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

LR6-3USBK Datasheet(HTML) 4 Page - PATLITE CORPORATION.

  LR6-3USBK Datasheet HTML 1Page - PATLITE CORPORATION. LR6-3USBK Datasheet HTML 2Page - PATLITE CORPORATION. LR6-3USBK Datasheet HTML 3Page - PATLITE CORPORATION. LR6-3USBK Datasheet HTML 4Page - PATLITE CORPORATION. LR6-3USBK Datasheet HTML 5Page - PATLITE CORPORATION. LR6-3USBK Datasheet HTML 6Page - PATLITE CORPORATION. LR6-3USBK Datasheet HTML 7Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3.2. Function Detail
3.2.1. LED Unit Control Function
3.2.2. Buzzer Function
Pattern On
Specify one of four types of LED patterns to illuminate the LED Unit.
Operation of LED patterns for one cycle is shown in the following timing charts.
LED Pattern 1
LED Pattern 2
Page
Pattern On
Specify one of two types of LED patterns to illuminate the LED Unit.
Operation of LED patterns for one cycle is shown in the following timing charts.
*When using LR6-E-MZ
Light On(On)
Turns the LED Unit on, and keeps it on.
Light Off(Off)
Turns off the LED Unit.This is the initial state after the body unit is started.
LED Pattern 1
LED Pattern 2
Operation of buzzer patterns for one cycle is shown in the following timing charts.
Buzzer Pattern 4
Buzzer Control
Sound On
From 13 different sound pitches, select one for Sound A to emit the buzzer.
・For the sound pattern, select from fontinuous operqation or operate for a
specified number of times(1 to 15). Operating one time is one cycle charts.
Sound Pattern
Specify one of four types of buzzer patterns for the buzzer.
LED Unit
Control
LED Pattern 3
LED Pattern 4
・For the buzzer, select from continuous operation or operate for a specified
number of times(1 to 15). Operating one time lasts one second.
Sound Off
Stop the buzzer. This is the initial state after the body unit is started.
・Configure the buzzer pattern by selecting two sounds(for Sound A and Sound
B) from 13 different sound pitches.
Buzzer Pattern 3
Drawing No.
Rev.
H
Select Pitch
(Sound A, Sound B)
Buzzer Pattern 1
Buzzer Pattern 2
Pitch
Frequency(Ref. Value)
Scale
Frequency(Ref. Value)
(Stop)
-
E♭7
2489.0Hz
A6
1760.0Hz
E7
2637.0Hz
B♭6
1864.7Hz
F7
2793.8Hz
B6
1975.5Hz
G♭7
2960.0Hz
C7
2093.0Hz
G7
3136.0Hz
D♭7
2217.5Hz
A♭7
3322.4Hz
D7
2349.3Hz
A7
3520.0Hz
ON
(250msec)
O FF
O FF
O FF
O FF
(250msec)
(250msec)
(250msec)
(250msec)
ON
(250msec)
OFF
OFF
OFF
OFF
(250msec)
(250msec)
(250msec)
(250msec)
ON
(500msec)
O FF
O FF
O FF
O FF
(500msec)
(500msec)
(500msec)
(500msec)
ON
(80msec)
OFF
OFF
OFF
OFF
(170msec)
(170msec)
(170msec)
(170msec)
ON
(80msec)
OFF
OFF
OFF
OFF
(670msec)
(670msec)
(670msec)
(670msec)
ON
(100msec)
O FF
O FF
O FF
O FF
(400m sec)
(400m sec)
(400m sec)
(400m sec)
ON
(100msec)
O FF
O FF
O FF
O FF
(400m sec)
(400m sec)
(400m sec)
(400m sec)
O FF
O FF
O FF
O FF
(1 0 0 mse c )
(1 0 0 mse c )
(1 0 0 mse c )
(1 0 0 mse c )
ON
(150msec)
OFF
OFF
OFF
OFF
(350msec)
(350msec)
(350msec)
(350msec)
ON
(150msec)
OFF
OFF
OFF
OFF
(250msec)
(250msec)
(250msec)
(250msec)
O FF
O FF
O FF
O FF
(1 0 0 mse c )
(1 0 0 mse c )
(1 0 0 mse c )
(1 0 0 mse c )
ON
(400msec)
O FF
O FF
O FF
O FF
(500msec)
(500msec)
(500msec)
(500msec)
Sound A
(250msec)
Sound B
(250msec)
Sound A
(250msec)
Sound B
(250msec)
Sound A
(500msec)
Sound B
(500msec)
Sound A
(80msec)
Sound B
(170msec)
Sound A
(80msec)
Sound B
(670msec)
Sound A
(100msec)
Sound B
(400msec)
Sound A
(100msec)
Sound B
(400msec)
4/7
LR6-USBW-W18



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com