Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR6-3USBK Datasheet(PDF) 2 Page - PATLITE CORPORATION.

Part # LR6-3USBK
Description  USB Signal Tower / Body Unit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

LR6-3USBK Datasheet(HTML) 2 Page - PATLITE CORPORATION.

  LR6-3USBK Datasheet HTML 1Page - PATLITE CORPORATION. LR6-3USBK Datasheet HTML 2Page - PATLITE CORPORATION. LR6-3USBK Datasheet HTML 3Page - PATLITE CORPORATION. LR6-3USBK Datasheet HTML 4Page - PATLITE CORPORATION. LR6-3USBK Datasheet HTML 5Page - PATLITE CORPORATION. LR6-3USBK Datasheet HTML 6Page - PATLITE CORPORATION. LR6-3USBK Datasheet HTML 7Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Windows
Storage Ambient Temperature
Page
1. General Specifications
Operating Ambient Temperature
-20℃ - +50℃
Model
LR6-□USB□
5V DC (USB Bus Power)
500mA
Rated Voltage
Operating Ambient Humidity
Max.
Operating Voltage Range
Rated Voltage ±5%(Compliant with USB 2.0 standard)
90% RH or less (No Condensation)
Rated Current Consumption
Conformity Standards
EMC Directive (EN 61000-6-3, EN 61000-6-2, EN55032 ClassB, EN55035)
Flanged Nut(M4) x3, Cable Tie x1
KC (KN 61000-6-2 /6-4)
Aluminum Pole
Operation Unit
Volume Switch x1 (Sound Pressure: High/Low 2 Levels)
Option
Wallmount Bracket
L Bracket
USB2.0 Full Speed
Upright
Software Library(DLL)
Supported OS
Outer Dimensions
Supported LED Unit(Optional)
Refer to the Outer Dimension Drawing
Communication Method
LED Unit Control
Environmental Condition
Remark
UL/cUL Listed
SZP-004□
POLE-□00A21K, POLE-□00A21,
SZ-016A, SZ-010
You cannot connect more than one LED unit(LR6-E-□,LR6-E-□Z) of the same color.
Accessories
Units other than the corresponding LED unit can not be connected.
Pole Mounting Base
SZW-002W
Mounting Bracket
Pole Bracket
Limitations
SZK-003□
Incompatible
IP 65 (IEC 60529) / NEMA TYPE 4X,13
Sound Pressure
Frequency
90% RH or less (No Condensation)
Mounting Location
Indoor Only
Mounting Direction
Light On, Pattern On(4 Types)
Protection Rating
UL 60950-1 ,CAN/CSA C22.2 No. UL60950-1-07
FCC Part 15 Subpart B Class B
ICES-003
RoHS Directive (EN IEC 63000)
When you use LR6-E-MZ,there are two types of LED light patterns.
Conforms to the CE Requirements
When you use LR6-E-MZ,you cannnot connect any other units.
Conforms to the UKCA Requirements
Condition
Buzzer
Sound On, Sound Pattern(4 Types)
13 Types
Operation
Mass(Tolerance:±10%)
Buzzer Frequency: 2349.3Hz
Typ. 80dB (Sound Reduction: Approximately -10dB)
LR6-USB□:140g  LR6-3USB□-RYG:320g
Drawing No.
Rev.
H
Front direction from the Buzzer Aperture, at 1m
Environmental
-30℃ - +60℃
Storage Ambient Humidity
Upright
LR6-E-□ (□=R,Y,G,B,C), LR6-E-□Z (□=R,Y,G,B), LR6-E-MZ
2/7
LR6-USBW-W18



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com