Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M87C257 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M87C257
Description  ADDRESS LATCHED 256K 32K x 8 UV EPROM and OTP EPROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M87C257 Datasheet(HTML) 1 Page - STMicroelectronics

  M87C257 Datasheet HTML 1Page - STMicroelectronics M87C257 Datasheet HTML 2Page - STMicroelectronics M87C257 Datasheet HTML 3Page - STMicroelectronics M87C257 Datasheet HTML 4Page - STMicroelectronics M87C257 Datasheet HTML 5Page - STMicroelectronics M87C257 Datasheet HTML 6Page - STMicroelectronics M87C257 Datasheet HTML 7Page - STMicroelectronics M87C257 Datasheet HTML 8Page - STMicroelectronics M87C257 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
M87C257
ADDRESS LATCHED
256K (32K x 8) UV EPROM and OTP EPROM
June 1996
1/13
AI00928B
15
A0-A14
ASVPP
Q0-Q7
VCC
M87C257
G
E
VSS
8
Figure 1. Logic Diagram
INTEGRATED ADDRESS LATCH
FAST ACCESS TIME: 45ns
LOW POWER “CMOS” CONSUMPTION:
– Active Current 30mA
– Standby Current 100
µA
PROGRAMMING VOLTAGE: 12.75V
ELECTRONIC SIGNATURE for AUTOMATED
PROGRAMMING
PROGRAMMING TIMES of AROUND 3sec.
(PRESTO II ALGORITHM)
DESCRIPTION
The M87C257 is a high speed 262,144 bit UV
erasable and electrically programmable EPROM.
The M87C257 incorporates latches for all address
inputs to minimize chip count, reduce cost, and
simplify the design of multiplexed bus systems.
The Window Ceramic Frit-Seal Dual-in-Line pack-
age has a transparent lid which allows the user to
expose the chip to ultraviolet light to erase the bit
pattern. A new pattern can then be written to the
device by following the programming procedure.
For applications where the content is programmed
only one time and erasure is not required, the
M87C257 is offered in Plastic Leaded Chip Carrier,
package.
A0 - A14
Address Inputs
Q0 - Q7
Data Outputs
E
Chip Enable
G
Output Enable
ASVPP
Address Strobe / Program Supply
VCC
Supply Voltage
VSS
Ground
Table 1. Signal Names
PLCC32 (C)
1
28
FDIP28W (F)


Similar Part No. - M87C257

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M87C257 STMICROELECTRONICS-M87C257 Datasheet
164Kb / 22P
Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
23-May-2006
M87C257-10C1TR STMICROELECTRONICS-M87C257-10C1TR Datasheet
164Kb / 22P
Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
23-May-2006
M87C257-10C3TR STMICROELECTRONICS-M87C257-10C3TR Datasheet
164Kb / 22P
Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
23-May-2006
M87C257-10C6TR STMICROELECTRONICS-M87C257-10C6TR Datasheet
164Kb / 22P
Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
23-May-2006
M87C257-10F1TR STMICROELECTRONICS-M87C257-10F1TR Datasheet
164Kb / 22P
Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
23-May-2006
More results

Similar Description - M87C257

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27256 STMICROELECTRONICS-M27256 Datasheet
93Kb / 10P
NMOS 256K 32K x 8 UV EPROM
Nov-2000
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R Datasheet
251Kb / 9P
256K 32K x 8 OTP CMOS EPROM
logo
Hitachi Semiconductor
HN27C256A HITACHI-HN27C256A Datasheet
416Kb / 10P
256K(32K x 8-bit) UV and OTP EPROM
HN27C256H HITACHI-HN27C256H Datasheet
409Kb / 10P
256k (32k x 8-bit) UV and OPT EPROM
logo
STMicroelectronics
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
24-Sep-2007
M87C257 STMICROELECTRONICS-M87C257_06 Datasheet
164Kb / 22P
Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
23-May-2006
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
256K (32K x 8) OTP EPROM
AT27LV256A ATMEL-AT27LV256A_07 Datasheet
406Kb / 15P
256K (32K x 8) Low-voltage OTP EPROM
logo
Maxwell Technologies
27C256T MAXWELL-27C256T Datasheet
126Kb / 14P
256K (32K x 8-Bit) OTP EPROM
logo
STMicroelectronics
M27C801-100N1 STMICROELECTRONICS-M27C801-100N1 Datasheet
212Kb / 24P
8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
24-Sep-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com