Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M88 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M88
Description  In-System Programmable ISP Multiple-Memory and Logic FLASHPSD Systems with CPLD for MCUs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M88 Datasheet(HTML) 1 Page - STMicroelectronics

  M88 Datasheet HTML 1Page - STMicroelectronics M88 Datasheet HTML 2Page - STMicroelectronics M88 Datasheet HTML 3Page - STMicroelectronics M88 Datasheet HTML 4Page - STMicroelectronics M88 Datasheet HTML 5Page - STMicroelectronics M88 Datasheet HTML 6Page - STMicroelectronics M88 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
DATA BRIEFING
June 2000
Complete data available on
Data-on-Disc CD-ROM or at www.st.com
M88 FAMILY
In-System Programmable (ISP) Multiple-Memory and
Logic FLASH+PSD Systems (with CPLD) for MCUs
s
Single Supply Voltage:
–5 V
±10% for M88xxFxY
– 3 V (+20/–10%) for M88xxFxW
s
1 or 2 Mbit of Primary Flash Memory (8 uniform
sectors, 16K x 8, or 32K x 8)
s
A second non-volatile memory:
– 256 Kbit (32K x 8) EEPROM (for M8813F1x)
or Flash memory (for M88x3F2x)
– 4 uniform sectors (8K x 8)
s
SRAM (16 Kbit, 2K x 8; or 64 Kbit, 8K x 8)
s
Over 3,000 Gates of PLD: DPLD and CPLD
s
27 Reconfigurable I/O ports
s
Enhanced JTAG Serial Port
s
Programmable power management
s
Stand-by current:
–50
µA for M88xxFxY
–25
µA for M88xxFxW
s
High Endurance:
– 100,000 Erase/Write Cycles of Flash Memory
– 10,000 Erase/Write Cycles of EEPROM
– 1,000 Erase/Write Cycles of PLD
DESCRIPTION
The FLASH+PSD family of memory systems for
microcontrollers
(MCUs)
brings
In-System-
Figure 1. Logic Diagram
AI02856
16
AD0-AD15
PC0-PC7
VCC
FLASH+PSD
VSS
8
PD0-PD2
3
PB0-PB7
8
PA0-PA7
8
3
CNTL0-
CNTL2
RESET
Table 1. Signal Names
PA0-PA7
Port-A
PB0-PB7
Port-B
PC0-PC7
Port-C
PC2 = Voltage Stand-by
PD0-PD2
Port-D
AD0-AD15
Address/Data
CNTL0-CNTL2
Control
RESET
Reset
VCC
Supply Voltage
VSS
Ground
PLCC52 (K)
PQFP52 (T)


Similar Part No. - M88

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M88 MACOM-M88 Datasheet
135Kb / 2P
TRIPLE-BALANCED MIXER
M88 MACOM-M88 Datasheet
443Kb / 3P
Triple-Balanced Mixer
logo
M/A-COM Technology Solu...
M88 MA-COM-M88 Datasheet
1Mb / 3P
Triple-Balanced Mixer
logo
OTTO Engineering, Inc
M8805/106-01 OTTO-M8805/106-01 Datasheet
841Kb / 3P
SUBMINIATURE BASIC SWITCHES
M8805/106-02 OTTO-M8805/106-02 Datasheet
841Kb / 3P
SUBMINIATURE BASIC SWITCHES
More results

Similar Description - M88

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M89 STMICROELECTRONICS-M89 Datasheet
52Kb / 7P
In-System Programmable ISP Multiple-Memory and Logic FLASHPSD Systems for MCUs
Jun-2000
PSD813F1-A STMICROELECTRONICS-PSD813F1-A Datasheet
563Kb / 120P
Flash In-System Programmable ISP Peripherals For 8-bit MCUs
04-Jan-2002
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 103P
Flash In-System Programmable ISP Peripherals For 8-bit MCUs
Jun-2004
PSD913F2 STMICROELECTRONICS-PSD913F2 Datasheet
476Kb / 94P
Flash In-System Programmable ISP Peripherals For 8-bit MCUs
04-Jan-2002
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 110P
Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
Jun-2004
PSD813F1 STMICROELECTRONICS-PSD813F1 Datasheet
1Mb / 110P
Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
Aug-2004
PSD813F1V STMICROELECTRONICS-PSD813F1V Datasheet
1Mb / 110P
Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
Jun-2004
PSD4256G6V STMICROELECTRONICS-PSD4256G6V Datasheet
756Kb / 100P
Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
06-Dec-2002
PSD8XXFX STMICROELECTRONICS-PSD8XXFX Datasheet
1Mb / 128P
Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
05-May-2009
PSD813F2V STMICROELECTRONICS-PSD813F2V_09 Datasheet
914Kb / 109P
Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 3.3 V
05-May-2009
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com