Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M88 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M88
Description  In-System Programmable ISP Multiple-Memory and Logic FLASHPSD Systems with CPLD for MCUs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M88 Datasheet(HTML) 2 Page - STMicroelectronics

  M88 Datasheet HTML 1Page - STMicroelectronics M88 Datasheet HTML 2Page - STMicroelectronics M88 Datasheet HTML 3Page - STMicroelectronics M88 Datasheet HTML 4Page - STMicroelectronics M88 Datasheet HTML 5Page - STMicroelectronics M88 Datasheet HTML 6Page - STMicroelectronics M88 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
M88 FAMILY
2/7
Figure 2A. PLCC Connections
AD15
AD14
AD13
AD12
AD11
AD10
AD9
AD8
VCC
AD7
AD6
AD5
AD4
PD2
PD1
PD0
PC7
PC6
PC5
PC4
VCC
GND
PC3
PC2
PC1
PC0
8
9
10
11
12
13
14
15
16
17
18
19
20
46
45
44
43
42
41
40
39
38
37
36
35
34
AI02857
Figure 2B. PQFP Connections
39 AD15
38 AD14
37 AD13
36 AD12
35 AD11
34 AD10
33 AD9
32 AD8
31 VCC
30 AD7
29 AD6
28 AD5
27 AD4
PD2
PD1
PD0
PC7
PC6
PC5
PC4
VCC
GND
PC3
PC2
PC1
PC0
1
2
3
4
5
6
7
8
9
10
11
12
13
AI02858
Table 2. Product Range1
Note: 1. All products support: JTAG serial ISP, MCU parallel ISP, ISP Flash memory, ISP CPLD, Security features, Power Management
Unit (PMU), Automatic Power-down (APD)
2. SRAM may be backed up using an external battery.
Part Number
Primary Flash
Memory
Secondary NVM
SRAM2
I/O Ports Voltage Range
Access Time
M8813F1Y
1 Mbit
256 Kbit EEPROM
16 Kbit
27
4.5-5.5 V
90 ns or
150 ns
M8813F2Y
1 Mbit
256 Kbit Flash memory
16 Kbit
27
M8834F2Y
2 Mbit
256 Kbit Flash memory
64 Kbit
27
M8813F1W
1 Mbit
256 Kbit EEPROM
16 Kbit
27
2.7-3.6 V
150 ns
M8813F2W
1 Mbit
256 Kbit Flash memory
16 Kbit
27
M8834F2W
2 Mbit
256 Kbit Flash memory
64 Kbit
27
Programmability (ISP) to Flash memory and
programmable logic. The result is a simple and
flexible
solution
for
embedded
designs.
FLASH+PSD devices combine many of the
peripheral
functions
found
in
MCU
based
applications. FLASH+PSD provides a glueless
interface
to
most
commonly-used
ROMless
MCUs.
Table 2 summarizes all the devices in the M88
Family.
The CPLD in the FLASH+PSD devices features
an optimized Macrocell logic architecture. The
Macrocell was created to address the unique
requirements of embedded system designs. It
allows direct connection between the system
address/data bus, and the internal FLASH+PSD
registers, to simplify communication between the
MCU and other supporting devices.
The FLASH+PSD device includes a JTAG Serial
Programming
interface,
to
allow
In-System
Programming (ISP) of the entire device. This
feature reduces development time, simplifies the
manufacturing flow, and dramatically lowers the
cost of field upgrades. Using ST’s special Fast-
JTAG programming, a design can be rapidly
programmed into the FLASH+PSD.
The innovative FLASH+PSD family solves key
problems faced by designers when managing
discrete Flash memory devices, such as:
– Complex address decoding
– In-System (first-time) Programming (ISP)
– Concurrent
EEPROM
or
Flash
memory
programming (IAP).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com