Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLD5000 Datasheet(PDF) 20 Page - Wavelength Electronics, Inc.

Part # PLD5000
Description  Laser Diode Drivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

PLD5000 Datasheet(HTML) 20 Page - Wavelength Electronics, Inc.

Back Button PLD5000 Datasheet HTML 13Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 14Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 15Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 16Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 17Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 18Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 19Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 20Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 21Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
© 2020
www.teamWavelength.com
20
PLD SERIES LASER DIODE DRIVER
MECHANICAL SPECIFICATIONS
1.10" [26.5mm]
1.52" [38.6mm]
1.72" [43.7mm]
2.65" [67.3mm]
0.75" [19.1mm]
0.81" [20.6mm]
0.945" [24.0mm]
0.93" [23.6mm]
0.79" [20.1mm]
PLD1250, PLD5000,
& PLD6500
1.77" [45.0mm]
PLD500 ONLY
0.58" [14.7mm]
1.49" [37.8mm]
0.58" [14.7mm]
PLD200 ONLY
12
ON
Figure 28. PLD Driver Mechanical Dimensions
4.40" [111.8mm]
3.40"
[83.4mm]
4.00" [101.6mm]
0.20" [5.1mm]
0.20" [5.1mm]
3.00"
[76.2mm]
3.57" [90.68mm]
PLD1250, PLD5000,
& PLD6500
12
ON
Figure 29. PLDEVALPCB Board Mechanical Dimensions
Ø 0.125” [3.2mm]
Drill Ø0.1285 [3.27mm] clearance hole in PCB.
Use 4-40 x ¼ to secure PLD to 0.062” thick PCB.
Apply red Loctite (sets in 10 minutes, cures in 24 hours)
to secure screw. Tighten screw with no more than 1
foot-pound of torque (finger tight). Over-tightening can
damage the unit.
0.100” [25.4mm], TYP
0.30” [7.6mm]
0.025” [0.635mm] SQ pins (x15)
Min Ø0.038” [0.965mm] hole in PCB
1.325” [33.6mm]
0.835” [21.2mm]
2.65” [67.3mm]
0.75”
[19.1mm]
0.60”
[15.2mm]
Pin 1
Figure 30. PLD PCB Layout Pattern, Top View
All Tolerances ±5%; units in inches [mm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com