Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLD5000 Datasheet(PDF) 8 Page - Wavelength Electronics, Inc.

Part # PLD5000
Description  Laser Diode Drivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

PLD5000 Datasheet(HTML) 8 Page - Wavelength Electronics, Inc.

Back Button PLD5000 Datasheet HTML 4Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 5Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 6Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 7Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 8Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 9Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 10Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 11Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 12Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
© 2020
www.teamWavelength.com
8
PLD SERIES LASER DIODE DRIVER
OPERATING INSTRUCTIONS
The PLD requires minimal external electronics. If you are
using the driver on the benchtop or for prototyping your
laser control system, we recommend purchasing the
PLDEVALPCB board.
The driver is first configured for local control in order to
set the drive current limit. Then the driver is reconfigured
according to the actual application.
We recommend using a test load until you are familiar with
operation of the driver. Refer to
page 3 for test load
schematics.
NECESSARY EQUIPMENT
The following equipment is the minimum necessary to
configure the PLD for basic operation:
• PLD controller
• PLDEVALPCB evaluation board (recommended)
• Digital voltmeter, 4-½ digit resolution recommended
• Test load for configuring the driver
• Laser diode, mount, and temperature control system
• Connecting wires
• Power supply (see below)
POWER SUPPLY REQUIREMENTS
Linear-regulated or low-noise switching power supplies can
be used. We recommend using power supplies with noise
specifications suitable for your application.
For single-supply operation:
• 5 VDC power supply rated for 1.1-times the maximum
laser diode current, plus 50 – 250 mA for the electronics
(see
Electrical Specifications)
For two-supply operation to drive a high-compliance laser:
• 5 VDC power supply rated for 50 – 250 mA
• Power supply rated for 1.1-times the maximum
laser diode drive current and > 2 V greater than the
compliance voltage of the laser.
For Type C lasers:
• 8 to 12 VDC power supply rated for 50 – 250 mA, plus
1.1-times the maximum laser diode drive current; power
regulation circuitry is also required (see
Figure 11)
• OR, a 5 VDC power supply for the PLD driver electronics
(rated for 50 – 250 mA) and an 8 to 12 VDC power
supply for the laser, rated for 1.1-times the maximum
laser diode current
NOTE: For dual supply operation, it is critical to shut
down the power supply to the laser first before shutting
down the +5V supply powering the electronics. Failure
to follow this order may damage the PLD or laser.
SAFE OPERATING AREA AND
THERMAL DESIGN CONSIDERATIONS
SOAcharts are included in this datasheet for quick reference,
but we recommend you use the on-line tools instead.
www.teamwavelength.com/support/design-tools/soa-ld-calculator
!
It is imperative that you verify the unit will
operate within the internal heat dissipation
Safe Operating Area (SOA).
Operating the driver outside the SOA may
damage or destroy the driver and/or laser.
PREVENT DAMAGE FROM ELECTROSTATIC
DISCHARGE
Before proceeding, it is critical that you take precautions to
prevent electrostatic discharge (ESD) damage to the driver
and your laser. ESD damage can result from improper
handling of sensitive electronics, and is easily preventable
with simple precautions.
Enter the search phrase “ESD Precautions for Handling
Electronics” in an internet search engine to find information
on ESD-safe handling practices.
We recommend that you always observe ESD precautions
when handling the PLD driver and your laser diode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com