Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC15 LAB Datasheet(PDF) 12 Page - Wavelength Electronics, Inc.

Part # TC15 LAB
Description  High Precision Temperature Controller— with IntelliTune®
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

TC15 LAB Datasheet(HTML) 12 Page - Wavelength Electronics, Inc.

Back Button TC15 LAB Datasheet HTML 8Page - Wavelength Electronics, Inc. TC15 LAB Datasheet HTML 9Page - Wavelength Electronics, Inc. TC15 LAB Datasheet HTML 10Page - Wavelength Electronics, Inc. TC15 LAB Datasheet HTML 11Page - Wavelength Electronics, Inc. TC15 LAB Datasheet HTML 12Page - Wavelength Electronics, Inc. TC15 LAB Datasheet HTML 13Page - Wavelength Electronics, Inc. TC15 LAB Datasheet HTML 14Page - Wavelength Electronics, Inc. TC15 LAB Datasheet HTML 15Page - Wavelength Electronics, Inc. TC15 LAB Datasheet HTML 16Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
12
FRONT PANEL
POWER
ENABLE
DATA
TC10 LAB
Temp
Control
1
2
4
3
Figure 14. TC LAB Front Panel
FRONT PANEL FUNCTIONS
Table 4. Front Panel Functions
NAME
DESCRIPTION
1
Power Button
Powers the application electronics. Glows blue when application electronics power is on and unit
is operational, slow pulses blue when on Standby and only the back panel power switch is on.
2
Adjustment Knob
Turn to adjust the numeric values. Instrument beeps when values are set.
3
Enable Button
Allows instrument to deliver current to the thermoelectric load. Glows blue when current is
enabled.
4
Data Port
USB flash drive, used to update the firmware or save data. This is not used for remote USB
control of the instrument.
TEXT AND ICON COLOR KEY
TEXT
Text color indicates current state.
White, Green Uneditable field, for information only.
Blue
Editable field, touch to select or toggle field
(text highlights and changes color), adjust
using either the touchscreen or adjustment
knob. Instrument beeps and text returns to
blue when values are set. If changes are not
made, touch again to cancel selection.
ICONS
Icon color indicates current state.
Blue
Screen is active.
Grey Screen is inactive, touch icon to access that screen.
DISPLAY SCREEN
Updated displays from revisions E and later of the TC LAB are
brighter when compared to those of revisionsA-D. Wavelength
is committed to continuous improvement of our instruments.
Both displays function as designed, and the new display’s
quality and visibility have been enhanced for an improved
overall user experience.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com