Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC15 LAB Datasheet(PDF) 13 Page - Wavelength Electronics, Inc.

Part # TC15 LAB
Description  High Precision Temperature Controller— with IntelliTune®
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

TC15 LAB Datasheet(HTML) 13 Page - Wavelength Electronics, Inc.

Back Button TC15 LAB Datasheet HTML 9Page - Wavelength Electronics, Inc. TC15 LAB Datasheet HTML 10Page - Wavelength Electronics, Inc. TC15 LAB Datasheet HTML 11Page - Wavelength Electronics, Inc. TC15 LAB Datasheet HTML 12Page - Wavelength Electronics, Inc. TC15 LAB Datasheet HTML 13Page - Wavelength Electronics, Inc. TC15 LAB Datasheet HTML 14Page - Wavelength Electronics, Inc. TC15 LAB Datasheet HTML 15Page - Wavelength Electronics, Inc. TC15 LAB Datasheet HTML 16Page - Wavelength Electronics, Inc. TC15 LAB Datasheet HTML 17Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
13
TURN ON THE POWER
1. Press the
Power switch on the back panel to the |
position. The front panel power button light slowly pulses.
2. Press the
Power button on the front panel, the button
illuminates, touchscreen is activated, and the Control
Screen is active.
NOTE: Turning off front
Power button powers down the
application electronics and puts the unit into standby mode.
Turning off rear
Power switch powers down all electronics
and some settings return to factory default.
SET LIMITS
1. Press to access the Limit Screen.
2. Press
+ Limit Current, - Limit Current, Max
Temp, and/or Min Temp values and rotate the
adjustment knob to change each value. The
instrument will beep when set.
Figure 15. Limit Screen
NOTES:
• The
Limit Currents should not exceed the damage current
threshold of the thermoelectric. To operate a resistive heater,
set one limit to
OFF.
• The
Max Temp and Min Temp can be set. If the actual sensor
temperature exceeds these limits, this status is reported
remotely so the user can take action.
• A TTL signal is sent from the LD Shutdown BNC to trigger an
interlock in a laser diode or QCL driver, if the actual temperature
exceeds the limit(s) specified. The factory default polarity is
ACTIVE HI. The polarity can be changed through remote
commands.
• The laser shutdown signal requires that a BNC to BNC cable
is installed between the LD Shutdown on the TC LAB and the
Active Lock on the QCL LAB.
SELECT A SENSOR
The sensor choice determines the sensor voltage to
temperature relationship and which sensor pins are monitored
on the 15+2 D-SUB.
1. Press to access the Sensor Screen.
2. Press the blue sensor name and turn the
adjustment knob to cycle through the factory
default sensor types or any user-defined
sensors that were defined remotely.
The factory default sensors are:
• Thermistor, 5 kΩ 10 µA
• Thermistor, 5 kΩ 100 µA
• Thermistor, 10 kΩ 10 µA
• Thermistor, 10 kΩ 100 µA
• Thermistor, 20 kΩ 10 µA
• Thermistor, 20 kΩ 100 µA
• Thermistor, 50 kΩ 10 µA
• Thermistor, 50 kΩ 100 µA
• Thermistor, 100 kΩ 10 µA
• RTD 2-wire, 100 Ω DIN
• RTD 2-wire, 1 kΩ DIN
• Linear IC Voltage Sensor
• Linear IC Current Sensor
The thermistor name includes the resistance at 25°C and the
bias current base selection. See the thermistor datasheets
for the resistance vs. temperature charts and Steinhart-Hart
coefficients. The TC LAB auto-ranges the bias current by
default. The current level in the sensor name merely defines
the temperature range over which the sensor is calibrated.
A fixed, non-volatile bias current can be configured with a
custom sensor using remote command CONST:THERM with
Firmware Versions 1.99 and 2.01 and later. See the LAB
Series Command Set User Guide for more details.
Figure 16. Sensor Screen



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com