Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-CSSRM2-EM Datasheet(PDF) 8 Page - ams-OSRAM AG

Part # GW-CSSRM2-EM
Description  OSLON® Square
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-CSSRM2-EM Datasheet(HTML) 8 Page - ams-OSRAM AG

Back Button GW-CSSRM2-EM Datasheet HTML 4Page - ams-OSRAM AG GW-CSSRM2-EM Datasheet HTML 5Page - ams-OSRAM AG GW-CSSRM2-EM Datasheet HTML 6Page - ams-OSRAM AG GW-CSSRM2-EM Datasheet HTML 7Page - ams-OSRAM AG GW-CSSRM2-EM Datasheet HTML 8Page - ams-OSRAM AG GW-CSSRM2-EM Datasheet HTML 9Page - ams-OSRAM AG GW-CSSRM2-EM Datasheet HTML 10Page - ams-OSRAM AG GW-CSSRM2-EM Datasheet HTML 11Page - ams-OSRAM AG GW-CSSRM2-EM Datasheet HTML 12Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
GW CSSRM2.EM
8 Version 1.5 | 2019-11-21
1
2
3
4
5
CCT
Group
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
2700 K
A
0.4675 0.4285 0.4561 0.4259 0.4467 0.4076 0.4491 0.4081 0.4637 0.4212
B
0.4675 0.4285 0.4811 0.4315 0.4698 0.4123 0.4663 0.4115 0.4637 0.4212
C
0.4698 0.4123 0.4591 0.3941 0.4482 0.3917 0.4517 0.3984 0.4663 0.4115
D
0.4517 0.3984 0.4491 0.4081 0.4467 0.4076 0.4372 0.3892 0.4482 0.3917
E
0.4637 0.4212 0.4491 0.4081 0.4526 0.4088 0.4613 0.4166
F
0.4637 0.4212 0.4663 0.4115 0.4628 0.4108 0.4613 0.4166
G 0.4663 0.4115 0.4517 0.3984 0.4541 0.4030 0.4628 0.4108
H
0.4541 0.4030 0.4526 0.4088 0.4491 0.4081 0.4517 0.3984
3000 K
A
0.4418 0.4211 0.4302 0.4171 0.4226 0.3995 0.4246 0.4002 0.4393 0.4153
B
0.4418 0.4211 0.4561 0.4259 0.4465 0.4073 0.4432 0.4062 0.4393 0.4153
C
0.4465 0.4073 0.4372 0.3892 0.4261 0.3856 0.4285 0.3911 0.4432 0.4062
D
0.4285 0.3911 0.4246 0.4002 0.4226 0.3995 0.4149 0.3819 0.4261 0.3856
E
0.4393 0.4153 0.4246 0.4002 0.4283 0.4014 0.4371 0.4105
F
0.4393 0.4153 0.4432 0.4062 0.4395 0.4050 0.4371 0.4105
G 0.4432 0.4062 0.4285 0.3911 0.4307 0.3960 0.4395 0.4050
H
0.4307 0.3960 0.4283 0.4014 0.4246 0.4002 0.4285 0.3911
3500 K
A
0.4131 0.4093 0.4003 0.4034 0.3949 0.3871 0.3977 0.3883 0.4118 0.4054
B
0.4131 0.4093 0.4302 0.4171 0.4227 0.3997 0.4177 0.3975 0.4118 0.4054
C
0.4227 0.3997 0.4149 0.3819 0.4022 0.3763 0.4036 0.3804 0.4177 0.3975
D
0.4036 0.3804 0.3977 0.3883 0.3949 0.3871 0.3895 0.3707 0.4022 0.3763
E
0.4118 0.4054 0.3977 0.3883 0.4017 0.3902 0.4102 0.4004
F
0.4118 0.4054 0.4177 0.3975 0.4137 0.3957 0.4102 0.4004
G 0.4177 0.3975 0.4036 0.3804 0.4052 0.3854 0.4137 0.3957
H
0.4052 0.3854 0.4017 0.3902 0.3977 0.3883 0.4036 0.3804
4000 K
A
0.3853 0.3947 0.3737 0.3879 0.3704 0.3731 0.3714 0.3737 0.3845 0.3913
B
0.3853 0.3947 0.4003 0.4034 0.3949 0.3871 0.3922 0.3855 0.3845 0.3913
C
0.3949 0.3871 0.3895 0.3707 0.3783 0.3645 0.3791 0.3679 0.3922 0.3855
D
0.3791 0.3679 0.3714 0.3737 0.3704 0.3731 0.3671 0.3583 0.3783 0.3645
E
0.3845 0.3913 0.3714 0.3737 0.3756 0.3760 0.3834 0.3866
F
0.3845 0.3913 0.3922 0.3855 0.3880 0.3832 0.3834 0.3866
G 0.3922 0.3855 0.3791 0.3679 0.3802 0.3726 0.3880 0.3832
H
0.3802 0.3726 0.3756 0.3760 0.3714 0.3737 0.3791 0.3679



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com