Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-CSSRM2-EM Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # GW-CSSRM2-EM
Description  OSLON® Square
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-CSSRM2-EM Datasheet(HTML) 2 Page - ams-OSRAM AG

  GW-CSSRM2-EM Datasheet HTML 1Page - ams-OSRAM AG GW-CSSRM2-EM Datasheet HTML 2Page - ams-OSRAM AG GW-CSSRM2-EM Datasheet HTML 3Page - ams-OSRAM AG GW-CSSRM2-EM Datasheet HTML 4Page - ams-OSRAM AG GW-CSSRM2-EM Datasheet HTML 5Page - ams-OSRAM AG GW-CSSRM2-EM Datasheet HTML 6Page - ams-OSRAM AG GW-CSSRM2-EM Datasheet HTML 7Page - ams-OSRAM AG GW-CSSRM2-EM Datasheet HTML 8Page - ams-OSRAM AG GW-CSSRM2-EM Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
GW CSSRM2.EM
2 Version 1.5 | 2019-11-21
Ordering Information
Type
Color temperature
Luminous Flux 1)
Ordering Code
I
F = 700 mA
Φ
V
GW CSSRM2.EM-M6M8-A838-1
2700 K
230 ... 260 lm
Q65112A4223
GW CSSRM2.EM-M6M8-XX58-1
2700 K
230 ... 260 lm
Q65112A4224
GW CSSRM2.EM-M7M9-A838-1
2700 K
240 ... 270 lm
Q65112A8951
GW CSSRM2.EM-M7M9-XX58-1
2700 K
240 ... 270 lm
Q65112A8950
GW CSSRM2.EM-M8MF-A737-1
3000 K
250 ... 280 lm
Q65112A7882
GW CSSRM2.EM-M8MF-XX57-1
3000 K
250 ... 280 lm
Q65112A7881
GW CSSRM2.EM-M9N1-A636-1
3500 K
260 ... 290 lm
Q65112A7883
GW CSSRM2.EM-M9N1-XX56-1
3500 K
260 ... 290 lm
Q65112A7884
GW CSSRM2.EM-MFN2-A535-1
4000 K
270 ... 300 lm
Q65112A7853
GW CSSRM2.EM-MFN2-XX55-1
4000 K
270 ... 300 lm
Q65112A7852
GW CSSRM2.EM-N1N3-A333-1
5000 K
280 ... 310 lm
Q65112A7885
GW CSSRM2.EM-N1N3-XX53-1
5000 K
280 ... 310 lm
Q65112A7886
GW CSSRM2.EM-MFN2-A232-1
5700 K
270 ... 300 lm
Q65112A7643
GW CSSRM2.EM-MFN2-XX52-1
5700 K
270 ... 300 lm
Q65112A7642



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com