Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-CSSRM3-CM Datasheet(PDF) 3 Page - ams-OSRAM AG

Part # GW-CSSRM3-CM
Description  OSLON® Square
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-CSSRM3-CM Datasheet(HTML) 3 Page - ams-OSRAM AG

  GW-CSSRM3-CM Datasheet HTML 1Page - ams-OSRAM AG GW-CSSRM3-CM Datasheet HTML 2Page - ams-OSRAM AG GW-CSSRM3-CM Datasheet HTML 3Page - ams-OSRAM AG GW-CSSRM3-CM Datasheet HTML 4Page - ams-OSRAM AG GW-CSSRM3-CM Datasheet HTML 5Page - ams-OSRAM AG GW-CSSRM3-CM Datasheet HTML 6Page - ams-OSRAM AG GW-CSSRM3-CM Datasheet HTML 7Page - ams-OSRAM AG GW-CSSRM3-CM Datasheet HTML 8Page - ams-OSRAM AG GW-CSSRM3-CM Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
GW CSSRM3.CM
DATASHEET
DATASHEET
3 | Version 1.1 | 2024-04-15
Ordering Information
Type
Color temperature
Luminous Flux 1)
Ordering Code
I
F = 700 mA
Φ
V
GW CSSRM3.CM-M8N4-XX53-1-R
5000 K
260 ... 320 lm
Q65113A3896
GW CSSRM3.CM-M9N4-XX53-1
5000 K
260 ... 320 lm
Q65113A4057
GW CSSRM3.CM-M9N4-A232-1-R-L
5700 K
260 ... 320 lm
Q65113A3897
GW CSSRM3.CM-M9N4-XX52-1-R-L
5700 K
260 ... 320 lm
Q65113A4419
GW CSSRM3.CM-MFN4-A232-1-L
5700 K
270 ... 320 lm
Q65113A4058
GW CSSRM3.CM-MFN4-XX52-1-L
5700 K
270 ... 320 lm
Q65113A4420
GW CSSRM3.CM-MFN3-XX51-1
6500 K
270 ... 310 lm
Q65113A3898
Note: Q65113A3896, Q65113A3897 and Q65113A4419 R9>80.
CCT 5700K are large reel.
“3 SDCM options is available. Please contact your nearest distributor for further details.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com