Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-CSSRM3-CM Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # GW-CSSRM3-CM
Description  OSLON® Square
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-CSSRM3-CM Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button GW-CSSRM3-CM Datasheet HTML 2Page - ams-OSRAM AG GW-CSSRM3-CM Datasheet HTML 3Page - ams-OSRAM AG GW-CSSRM3-CM Datasheet HTML 4Page - ams-OSRAM AG GW-CSSRM3-CM Datasheet HTML 5Page - ams-OSRAM AG GW-CSSRM3-CM Datasheet HTML 6Page - ams-OSRAM AG GW-CSSRM3-CM Datasheet HTML 7Page - ams-OSRAM AG GW-CSSRM3-CM Datasheet HTML 8Page - ams-OSRAM AG GW-CSSRM3-CM Datasheet HTML 9Page - ams-OSRAM AG GW-CSSRM3-CM Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
GW CSSRM3.CM
DATASHEET
DATASHEET
6 | Version 1.1 | 2024-04-15
Brightness Groups
Group
Luminous Flux 1)
Luminous Flux 1)
I
F = 700 mA
I
F = 700 mA
min.
max.
Φ
V
Φ
V
M9
260 lm
270 lm
MF
270 lm
280 lm
N1
280 lm
290 lm
N2
290 lm
300 lm
N3
300 lm
310 lm
N4
310 lm
320 lm
Forward Voltage Groups
Group
Forward Voltage 3)
Forward Voltage 3)
I
F = 700 mA
I
F = 700 mA
min.
max.
V
F
V
F
K2
2.70 V
2.80 V
L1
2.80 V
2.90 V
L2
2.90 V
3.00 V
M1
3.00 V
3.10 V
M2
3.10 V
3.20 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com