Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7-302WH Datasheet(PDF) 1 Page - PATLITE CORPORATION.

Part # LS7-302WH
Description  Signal Tower
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

LS7-302WH Datasheet(HTML) 1 Page - PATLITE CORPORATION.

  LS7-302WH Datasheet HTML 1Page - PATLITE CORPORATION. LS7-302WH Datasheet HTML 2Page - PATLITE CORPORATION. LS7-302WH Datasheet HTML 3Page - PATLITE CORPORATION. LS7-302WH Datasheet HTML 4Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Lead Wires Type
Conformity Standards
UL 508, CSA-C22.2 No. 14
EMC Directive (EN 61000-6-4, EN 61000-6-2)
RoHS Directive (EN IEC 63000)
Remarks
・
Conforms to the CE Requirements
・
Conforms to the UKCA Requirements
・
UL Recognized Component (File No.E215660)
Red: more than 490mcd Amber: more than 1140mcd Green: more than 940mcd
Blue: more than 195mcd White: more than 1000mcd
Mass (Tolerance ±10%)
0.28kg
Outer Dimensions
Refer to Outer Dimension Drawing
IP65 (IEC 60529)
Environmental Condition
Install the signal light on a sturdy and level surface
Vibration Resistance
19.6m/s2
Insulation Resistance
More than 1MΩ at 500VDC between live part and non-current carrying metallic part
Protection Rating
Signal Wire Current
(Rated Current Consumption)
Typ.
Per Unit Red: 20mA Amber: 30mA Green: 30mA Blue: 30mA White: 30mA
Max.
Per Unit Red: 35mA Amber: 40mA Green: 40mA Blue: 40mA White: 40mA
Operating Ambient Temperature
-30℃ to +60℃
UL Registered Model
LS7-_02(D/S)WH
Rated Voltage
24V DC (Non-polar)
Operating Voltage Range
Rated Voltage ±10%
[General Specifications]
Model
5 tiers
LS7-502(D/S)WH-RYGBC
3 tiers
LS7-302(D/S)WH-RYGNN
Product Name
Signal Tower
Rev.
LS7-502-W18
E
Upright
Page
SPECIFICATIONS
Drawing No.
Withstand Voltage
500VAC applied for 1min between live part and
non-current carrying metallic part without breaking insulation
Luminous Intensity
Operating Ambient Humidity
Less than90% (No condensation)
Mounting Location
Indoors
Mounting Direction
1/4


Similar Part No. - LS7-302WH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LS7-302 ETC2-LS7-302 Datasheet
2Mb / 2P
A smart smooth body to bring harmony to machinery
logo
PATLITE CORPORATION.
LS7-302BWC PATLITE-LS7-302BWC Datasheet
676Kb / 4P
Signal Tower
Rev. E
LS7-302BWC-RYGBC PATLITE-LS7-302BWC-RYGBC Datasheet
676Kb / 4P
Signal Tower
Rev. E
LS7-302BWC-RYGNN PATLITE-LS7-302BWC-RYGNN Datasheet
676Kb / 4P
Signal Tower
Rev. E
LS7-302BWH PATLITE-LS7-302BWH Datasheet
676Kb / 4P
Signal Tower
Rev. E
More results

Similar Description - LS7-302WH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LE-502FBW-RYGBC ETC2-LE-502FBW-RYGBC Datasheet
239Kb / 2P
Signal Tower
logo
Contec Co., Ltd
CPS-PAV-AE01-EU CONTEC-CPS-PAV-AE01-EU Datasheet
541Kb / 3P
Signal Tower Monitoring
logo
M-System Co.,Ltd.
ITPL MSYSTEM-ITPL Datasheet
91Kb / 2P
Tower Light Series
IT60SRC MSYSTEM-IT60SRC Datasheet
203Kb / 5P
Tower Light Series
IT60RE MSYSTEM-IT60RE Datasheet
210Kb / 5P
ETHERNET TOWER LIGHT
IT50SW6F MSYSTEM-IT50SW6F Datasheet
435Kb / 10P
WIRELESS TOWER LIGHT
IT50SW5F MSYSTEM-IT50SW5F Datasheet
590Kb / 10P
WIRELESS TOWER LIGHT
IT50SRE MSYSTEM-IT50SRE Datasheet
180Kb / 4P
ETHERNET TOWER LIGHT
IT40SW6F MSYSTEM-IT40SW6F Datasheet
428Kb / 10P
WIRELESS TOWER LIGHT
logo
Schneider Electric
XVC6B25S SCHNEIDER-XVC6B25S Datasheet
83Kb / 4P
Tower Lights
Jan 12, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com