Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7-302WH Datasheet(PDF) 2 Page - PATLITE CORPORATION.

Part # LS7-302WH
Description  Signal Tower
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

LS7-302WH Datasheet(HTML) 2 Page - PATLITE CORPORATION.

  LS7-302WH Datasheet HTML 1Page - PATLITE CORPORATION. LS7-302WH Datasheet HTML 2Page - PATLITE CORPORATION. LS7-302WH Datasheet HTML 3Page - PATLITE CORPORATION. LS7-302WH Datasheet HTML 4Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
M12 Connector Type
L S 7 -
□
0 2 □
W
□
-
□
□
□
□
□
■
Tier
■
Luminous Color
5 : 5 tiers
■
Rated Voltage
■
Wiring
5 tiers
3 : 3 tiers
02 : DC24V
H : Lead wires
RYGBC : Red, Amber, Green,
C : M12 Connector
Blue, White
3 tiers
RYGNN : Red, Amber, Green,
■
Body Color
Blank, Blank
Blank : Off white
■
Mounting
*From Top to Bottom
D
: Off dark gray
W : Direct mount
S
: Silver
[Model Number Configuration]
Luminous Intensity
Mass (Tolerance ±10%)
Conformity Standards
Remarks
LS7-502(D/S)WC-RYGBC
UL Registered Model
Signal Wire Current
(Rated Current Consumption)
Typ.
Operating Ambient Temperature
0.26kg
Outer Dimensions
Refer to Outer Dimension Drawing
UL 508, CSA-C22.2 No. 14
EMC Directive (EN 61000-6-4, EN 61000-6-2)
19.6m/s2
Insulation Resistance
More than 1MΩ at 500VDC between live part and non-current carrying metallic part
Vibration Resistance
Red: more than 490mcd Amber: more than 1140mcd Green: more than 940mcd
Blue: more than 195mcd White: more than 1000mcd
Operating Ambient Humidity
Less than90% (No condensation)
LS7-_02(D/S)WC
Rated Voltage
24V DC (Non-polar)
Operating Voltage Range
Rated Voltage ±10%
Environmental Condition
Max.
Per Unit Red: 35mA Amber: 40mA Green: 40mA Blue: 40mA White: 40mA
-30℃ to +60℃
Page
Drawing No.
Rev.
LS7-502-W18
E
RoHS Directive (EN IEC 63000)
・
Conforms to the CE Requirements
Install the signal light on a sturdy and level surface
Model
5 tiers
3 tiers
LS7-302(D/S)WC-RYGNN
Per Unit Red: 20mA Amber: 30mA Green: 30mA Blue: 30mA White: 30mA
Mounting Location
Indoors
・
Conforms to the UKCA Requirements
Withstand Voltage
500VAC applied for 1min between live part and
non-current carrying metallic part without breaking insulation
Product Name
Signal Tower
・
UL Recognized Component (File No.E215660)
Mounting Direction
Upright
Protection Rating
IP65 (IEC 60529)
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com