Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10DMDCLFB Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # R5F10DMDCLFB
Description  RENESAS MCU
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10DMDCLFB Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button R5F10DMDCLFB Datasheet HTML 40Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 41Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 42Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 43Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 44Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 45Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 46Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 47Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 139 page
background image
RL78/D1A
2. PIN FUNCTIONS
R01DS0463EJ0120 Rev. 1.20
Page 44 of 135
Mar 31, 2026
(4/6)
Function
Name
I/O
Function
48-pin
64-pin
80-pin
100-pin
128-pin
R5F10CGx/
R5F10DGx
R5F10CLx/
R5F10DLx
R5F10CMx/
R5F10DMx
R5F10TPx/
R5F10DPx
R5F10DSx
RxD0
Input
Serial data input to UART0
−
−
−
−
21, 34, 45, 11
TxD0
Output Serial data output from
UART0
−
−
−
−
22, 35, 46, 12
SCK10
Input/
Output
Clock input/output for CSI10
−
−
−
98, 73
98, 62
SI10
Input
Serial data input to CSI10
−
−
−
99, 72
99, 61
SO10
Output Serial data output from CSI10
−
−
−
100, 71
100, 60
SCL11
Output Clock output for simplified I2C 13, 26
38, 17
50, 21
75, 60, 26
64, 48, 1
SDA11
Input/
Output
Serial data I/O for simplified
I2C
14, 25
37, 18
49, 22
74, 59, 27
63, 47, 2
LRxD0
Input
Serial data input to LIN-
UART0
−
26, 7
32, 11
42, 13
27, 116
INTPLR0
Input
External interrupt request
input for which the valid edge
for LIN-UART0
−
26, 7
32, 11
42, 13
27, 116
LTxD0
Output Serial data output from LIN-
UART0
−
27, 6
33, 10
43, 12
28, 115
LRxD1
Input
Serial data input to LIN-
UART1
16
20
26
99, 36
99, 21
INTPLR1
Input
External interrupt request
input for which the valid edge
for LIN-UART1
16
20
26
99, 36
99, 21
LTxD1
Output Serial data output from LIN-
UART1
15
19
25
100, 35
100, 20
CRxD0
Input
CAN receive data input 0
22Note1
33, 7Note1
41, 11Note1
51, 13
39, 116
CTxD0
Output CAN transmit data output 0
23Note1
34, 6Note1
42, 10Note1
52, 12
40, 115
CRxD1
Input
CAN receive data input 1
−
−
−
96, 29Note2
96, 4
CTxD1
Output CAN transmit data output 1
−
−
−
97, 28Note2
97, 3
RTC1Hz
Output Realtime clock calibration
output (1Hz)
37
49, 27
64, 33
79, 30, 43
72, 28, 5
SGOA
Output SG output (Amplitude PWM)
31, 39
51, 43
68, 55
97, 83, 65
97, 76, 53
SGO/SGOF
Output SG output (AND with PWM &
Frequency) / SG output
(Frequency)
32, 38
50, 44
67, 56
96, 82, 66
96, 75, 54
SM11
Output Stepper motor output 11
47
63
80
95
88
SM12
Output Stepper motor output 12
46
62
79
94
87
SM13
Output Stepper motor output 13
45
61
78
93
86
SM14
Output Stepper motor output 14
44
60
77
92
85
ZPD14
Input
Zero point detection input 14
44
60
77
92
85
Notes 1. These pins are only for the following products:
• R5F10DGE, R5F10DGD, R5F10DGC (48 pin products)
• R5F10DLE, R5F10DLD (64 pin products)
• R5F10DMJ, R5F10DMG, R5F10DMF, R5F10DME, R5F10DMD (80 pin products)
• R5F10TPJ, R5F10DPG. R5F10DPF, R5F10DPE, R5F10DPL, R5F10DPK,R5F10DPJ (100-pin
products)
2. These pins are only for R5F10DPL, R5F10DPK,R5F10DPJ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com