Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10DMDCLFB Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # R5F10DMDCLFB
Description  RENESAS MCU
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10DMDCLFB Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button R5F10DMDCLFB Datasheet HTML 67Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 68Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 69Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 70Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 71Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 72Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 73Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 74Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 139 page
background image
RL78/D1A
3. ELECTRICAL SPECIFICATIONS (J GRADE PRODUCT)
R01DS0463EJ0120 Rev. 1.20
Page 71 of 135
Mar 31, 2026
3.5 AC characteristics
3.5.1 Basic operation
TA = -40 to +85
°C,
2.7 V
≤ = EVDD0 = EVDD1 ≤ VDD = SMVDD0 = SMVDD1 ≤ 5.5 V, VSS = EVSS0 = EVSS1 = SMVSS0 = SMVSS1 = 0 V
Parameter
Symbols
Conditions
Min.
Typ.
Max.
Unit
Instruction cycle
(minimum instruction
execution time)
TCY
Main system
clock operation
(Including PLL)
High speed main run
0.03125
Note 1
1
μs
Sub system
clock operation
SDIV = 0
1/fXT
(Typ. 30.5)
μs
External main system
clock frequency
fEX
Square wave input to EXCLK
2
20
MHz
External main system
clock (square wave)
input
high/low level width
tEXH
tEXL
Square wave input to EXCLK
24
ns
Timer input
high/low level width
tTIH
tTIL
TI00 to TI07, TI10 to TI17, TI20 to TI27
1/fMCK+10
Note 2
ns
Port output frequency
fGPO
P80 to P87,
P90 to P97
C = 30 pF 4.0 V
≤ SMVDD
2
MHz
P20 to P27,
P150 to P152
C = 30 pF 4.0 V
≤ VDD
2
MHz
P73,P135
C = 30 pF 4.0 V
≤ EVDD
8
MHz
Other than
the above
C = 30 pF 4.0 V
≤ EVDD
16
MHz
2.7 V
≤ EVDD < 4.0 V
8
MHz
External interrupt
input high/low level
width Note 3
tINTH
tINTL
INTP0 to INTP5, INTPLR0, INTPLR1
1
μs
RESET
____________
input
low level width Note 3
tRSL
RESET
____________
10
μs
Analog noise filter
rejection pulse width
Note 4
tWRJ
INTP0 to INTP5, INTPLR0, INTPLR1, ADTRG
30
50
1000
ns
ADTRG input
high level width
tATH
Without noise filter
AWC = 0
1/fCLK+10
ns
AWC = 1
10
ns
With noise filter
AWC = 0
1/fCLK+10
or tWRJ
(Note 5)
ns
AWC = 1
tWRJ
(Note 5)
ns
Notes 1.
Value is in case of fCLK is 32.0 MHz. It is also allowed to exceed frequency up to +3%.
2.
fMCK shows the frequency value of operation clock for TAU. Usually, fMCK is defined by MHz but this
speccification is defined by ns. It is not defined by µs, so please be careful.
3.
Pulses longer than this value will pass the input filter.
4.
Pulses shorter than this value do not pass the input filters.
5.
If the value of “1/fCLK+10 [ns]” is less than tWRJ, please use tWRJ value instead of “1/fCLK +10 [ns]”.
Caution
Different voltage between EVDD and VDD is allowed only when LCDM register is initial value.
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com