Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10DMDCLFB Datasheet(PDF) 106 Page - Renesas Technology Corp

Part # R5F10DMDCLFB
Description  RENESAS MCU
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10DMDCLFB Datasheet(HTML) 106 Page - Renesas Technology Corp

Back Button R5F10DMDCLFB Datasheet HTML 102Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 103Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 104Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 105Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 106Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 107Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 108Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 109Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 110Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 139 page
background image
RL78/D1A
4. ELECTRICAL SPECIFICATIONS (L GRADE PRODUCT)
R01DS0463EJ0120 Rev. 1.20
Page 106 of 135
Mar 31, 2026
TA = -40 to +105
°C, 4.0 V ≤ VDD = SMVDD0 = SMVDD1 ≤ 5.5 V, VSS = SMVSS0 = SMVSS1 = 0 V (2/3)
Parameter
Symbols
Conditions
Min.
Typ.
Max.
Unit
Output current, low
IOL1
Per pin
TA = -40
°C
52
mA
TA = +25
°C
39
mA
TA = +85
°C
32
mA
TA = +105
°C
32
mA
IOLTOTAL Total
(for duty factors
≤ 70%Note)
Group 3A
TA = -40
°C
118
mA
TA = +25
°C
118
mA
TA = +85
°C
96
mA
TA = +105
°C
96
mA
Group 3B
TA = -40
°C
118
mA
TA = +25
°C
118
mA
TA = +85
°C
96
mA
TA = +105
°C
96
mA
Group
3C
128-pin,
100-pin
80-pin
TA = -40
°C
118
mA
TA = +25
°C
118
mA
TA = +85
°C
96
mA
TA = +105
°C
96
mA
64-pin
48-pin
TA = -40
°C
118
mA
TA = +25
°C
118
mA
TA = +85
°C
96
mA
TA = +105
°C
96
mA
Group 3D
(128-pin, 100-
pin, 80-pin)
TA = -40
°C
118
mA
TA = +25
°C
118
mA
TA = +85
°C
96
mA
TA = +105
°C
96
mA
Group 3E
(64-pin, 48-pin)
TA = -40
°C
148
mA
TA = +25
°C
118
mA
TA = +85
°C
96
mA
TA = +105
°C
96
mA
Note These output current values are obtained under the condition that the duty factor is no greater than 70%.
The output current values when the duty factor is changed to a value greater than 70% can be calculated from
the following expression (when the duty factor is changed to n%).
• Total output current of pins (IOL × 0.7)/(n × 0.01)
<Example> Where n = 80% and IOL = 118.0 mA
Total output current of pins = (118.0
× 0.7)/(80 × 0.01) ≈ 103.2 mA
However, the current that is allowed to flow into one pin does not vary depending on the duty factor. A current
higher than the absolute maximum rating must not flow into one pin.
<R>
<R>
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com