Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10DMDCLFB Datasheet(PDF) 120 Page - Renesas Technology Corp

Part # R5F10DMDCLFB
Description  RENESAS MCU
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10DMDCLFB Datasheet(HTML) 120 Page - Renesas Technology Corp

Back Button R5F10DMDCLFB Datasheet HTML 116Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 117Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 118Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 119Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 120Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 121Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 122Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 123Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 139 page
background image
RL78/D1A
4. ELECTRICAL SPECIFICATIONS (L GRADE PRODUCT)
R01DS0463EJ0120 Rev. 1.20
Page 120 of 135
Mar 31, 2026
4.5.6 Serial interface: simplified I2C operation
TA = -40 to +105
°C
2.7 V
≤ EVDD0 = EVDD1 ≤ VDD = ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V
Items
Symbols
Conditions
Min.
Max.
Unit
SCL clock frequency
fSCL
Rb = 3 k
Ω, Cb = 100 pF
400
kHz
Hold time during SCL = ”L”
tLOW
Rb = 3 k
Ω, Cb = 100 pF
1150
ns
Hold time during SCL = ”H”
tHIGH
Rb = 3 k
Ω, Cb = 100 pF
1150
ns
Data set up time (reception)
tSU;DAT
Rb = 3 k
Ω, Cb = 100 pF
1/fMCK+270
ns
Data hold time (transmission)
tHD;DAT
Rb = 3 k
Ω, Cb = 100 pF
0
355
ns
Caution Different voltage between EVDD and VDD is allowed only when LCDM register is initial value.
Figure 4-11 simplified I I2C connection diagram
Figure 4-12. Simplified I2C mode serial transfer timing
1/fSCL
tLOW
tHIGH
SCL
SDA
tHD:DAT
tSU:DAT
VIH
VIL
VIH
VIL
SCL
SCL
SDA
SDA
User's device
D1A
Rb
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com