Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10DMDCLFB Datasheet(PDF) 129 Page - Renesas Technology Corp

Part # R5F10DMDCLFB
Description  RENESAS MCU
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10DMDCLFB Datasheet(HTML) 129 Page - Renesas Technology Corp

Back Button R5F10DMDCLFB Datasheet HTML 125Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 126Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 127Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 128Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 129Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 130Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 131Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 132Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 139 page
background image
RL78/D1A
4. ELECTRICAL SPECIFICATIONS (L GRADE PRODUCT)
R01DS0463EJ0120 Rev. 1.20
Page 129 of 135
Mar 31, 2026
4.7.3 POR characteristics
TA = -40 to +105 °C
Item
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Detection voltage
VPOR
1.45
1.51
1.57
V
VPDR
1.44
1.5
1.56
V
Detection delay
TPD
300
μs
Minimum pulse width
TPW
Necessary width of internal
voltage drop down below VPDR
300
μs
Caution LVD reset or external RESET
____________
must be used during power supply rising up to 2.7 V.
4.7.4 LVD characteristics
TA = -40 to +105
°C, VPDR ≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V
Items
Symbols
Conditions
MIN.
TYP.
MAX.
Unit
RESET and
INTMODE
VLVI5
VPOC0,1,2 = 0,1,1 Power down Reset Voltage: 2.7 V
2.70
2.75
2.81
V
VLVI4
LVIS0,1 = 1,0
(+0.1 V)
Power on Reset Release Voltage
2.86
2.92
2.97
V
Power down Interrupt Voltage
2.80
2.86
2.91
V
VLVI3
LVIS0,1 = 0,1
(+0.2 V)
Power on Reset Release Voltage
2.96
3.02
3.08
V
Power down Interrupt Voltage
2.90
2.96
3.02
V
VLVI0
LVIS0,1 = 0,0
(+1.2 V)
Power on Reset Release Voltage
3.98
4.06
4.14
V
Power down Interrupt Voltage
3.90
3.98
4.06
V
Detection Delay time
TLD
300
μs
Minimum pulse width
TLW
Necessary width of VDD drop down below selected
VLVIx (x = 0, 3 to 5)
300
μs
Caution LVD reset or external RESET
____________
must be used during power supply rising up to 2.7 V.
4.8 Data Retention Characteristics
TA = -40 to +105
°C
Items
Symbols
Conditions
MIN.
TYP.
MAX.
Unit
Data retention supply voltage
VDDDR
1.44 Note1
5.5
V
Note The value depends on the POR detection voltage. When the voltage drops, the data is retained until a POR
reset is effected, but data is not retained when a POR reset is effected.
Figure 4-16. STOP Mode Data Retention timming
STOP mode
Data retention mode
VDD
VDDDR
Standby release signal
(interrupt request)
Operation mode
STOP instruction execution
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com