Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10DMDCLFB Datasheet(PDF) 136 Page - Renesas Technology Corp

Part # R5F10DMDCLFB
Description  RENESAS MCU
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10DMDCLFB Datasheet(HTML) 136 Page - Renesas Technology Corp

Back Button R5F10DMDCLFB Datasheet HTML 131Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 132Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 133Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 134Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 135Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 136Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 137Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 138Page - Renesas Technology Corp R5F10DMDCLFB Datasheet HTML 139Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 136 / 139 page
background image
R01DS0463EJ0120 Rev. 1.20
(A−1)
Mar 31, 2026
REVISION HISTORY
RL78/D1A Datasheet
Rev
Date
Description
Page
Summary
1.10
Dec 27, 2024
‒
First edition issued.
1.20
Mar 31, 2026
p.2
Modification of Table 1-1. ROM, RAM capacities
p.3
Addition of part number in 1.3 Ordering Information
p.4
Modification of 1.4.1 48-pin products (R5F10CGB, R5F10CGC, R5F10CGD: with no
CAN)
p.5
Modification of 1.4.2 48-pin products (R5F10DGC, R5F10DGD, R5F10DGE: with CAN)
p.6
Modification of 1.4.3 64-pin products (R5F10CLD: with no CAN)
p.7
Modification of 1.4.4 64-pin products (R5F10DLD, R5F10DLE: with CAN)
p.8
Modification of 1.4.5 80-pin products (R5F10CMD, R5F10CME: with no CAN)
p.9
Modification of 1.4.6 80-pin products (R5F10DMD, R5F10DME, R5F10DMF,
R5F10DMG, R5F10DMJ: with CAN)
p.10
Modification of 1.4.7 100-pin products (R5F10DPE, R5F10DPF, R5F10DPG,
R5F10TPJ: with 1 ch of CAN)
p.11
Modification of 1.4.8 100-pin products (R5F10DPJ, R5F10DPK, R5F10DPL: with 2 ch
of CAN)
p.12
Modification of 1.4.9 128-pin products (R5F10DSL, R5F10DSK, R5F10DSJ)
p.13
Modification of 1.5 Pin Identification
p.14
Modification of 1.6.1 48-pin products (R5F10CGB, R5F10CGC, R5F10CGD: with no
CAN)
p.15
Modification of 1.6.2 48-pin products (R5F10DGC, R5F10DGD, R5F10DGE: with CAN)
p.16
Modification of 1.6.3 64-pin products (R5F10CLD: with no CAN)
p.17
Modification of 1.6.4 64-pin products (R5F10DLD, R5F10DLE: with CAN)
p.18
Modification of 1.6.5 80-pin products (R5F10CMD, R5F10CME: with no CAN)
p.19
Modification of 1.6.6 80-pin products (R5F10DMD, R5F10DME, R5F10DMF,
R5F10DMG, R5F10DMJ: with CAN)
p.20
Modification of 1.6.7 100-pin products (R5F10DPE, R5F10DPF, R5F10DPG,
R5F10TPJ: with 1 ch of CAN)
p.21
Modification of 1.6.8 100-pin products (R5F10DPJ, R5F10DPK, R5F10DPL: with 2 ch
of CAN)
p.22
Modification of 1.6.9 128-pin products (R5F10DSJ, R5F10DSK, R5F10DSL)
p.23 to 26
Modification of 1.7 Outline of Functions
p.28, 29
Modification of title in Table 2-2. Port Pins for R5F10CGB, R5F10CGC, R5F10CGD,
R5F10DGC, R5F10DGD, R5F10DGE
p.28
Modification of Note 1 in Table 2-2. Port Pins for R5F10CGB, R5F10CGC,
R5F10CGD, R5F10DGC, R5F10DGD, R5F10DGE
p.30, 31
Modification of title in Table 2-3. Port Pins for R5F10CLD, R5F10DLD, R5F10DLE
p.30
Modification of Note 1 in Table 2-3. Port Pins for R5F10CLD, R5F10DLD, R5F10DLE
p.31
Modification of Note in Table 2-3. Port Pins for R5F10CLD, R5F10DLD, R5F10DLE
p.32, 33
Modification of title in Table 2-4. Port Pins for R5F10CMD, R5F10CME, R5F10DMD,
R5F10DME, R5F10DMF, R5F10DMG, R5F10DMJ
p.32
Modification of Note 1 in Table 2-4. Port Pins for R5F10CMD, R5F10CME,
R5F10DMD, R5F10DME, R5F10DMF, R5F10DMG, R5F10DMJ
p.33
Modification of Note in Table 2-4. Port Pins for R5F10CMD, R5F10CME, R5F10DMD,
R5F10DME, R5F10DMF, R5F10DMG, R5F10DMJ
p.34 to 36
Modification of title in Table 2-5. Port Pins for R5F10DPE, R5F10DPF, R5F10DPG,
R5F10TPJ, R5F10DPJ
p.35
Modification of Note in Table 2-5. Port Pins for R5F10DPE, R5F10DPF, R5F10DPG,
R5F10TPJ, R5F10DPJ
p.36
Modification of Note 1 in Table 2-5. Port Pins for R5F10DPE, R5F10DPF, R5F10DPG,
R5F10TPJ, R5F10DPJ
p.37 to 40
Modification of title in Table 2-6. R5F10DSJ, R5F10DSK, R5F10DSL
P.47
Modification of table in Definition of Pin Groups



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com