Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS339 Datasheet(PDF) 7 Page - Globaltech Semiconductor Co.,Ltd

Part # GS339
Description  Single Supply Quad Comparator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd

GS339 Datasheet(HTML) 7 Page - Globaltech Semiconductor Co.,Ltd

Back Button GS339 Datasheet HTML 3Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 4Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 5Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 6Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 7Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 8Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 9Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 10Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 11Page - Globaltech Semiconductor Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
www.gs-power.com
Typical Application (Continue)
Driving TTL
Low Frequency Op Amplifier
VCC
10k
1/4 GS339
1/4 DM54xx
1/4 DM54xx
3
12
100k
1k
15k
0.5uF
Vcc
eIN
eOUT
1/4 GS339
Output Strobing
<And> Gate
6.2k
Vcc
Q
Vo
STROBE
INPUT
1/4 GS339
VCC
f
1k
3k
39k
100k
100k
100k
1k
+0.375V
A
B
C
VCC
0
"0"
"1"
1/4 GS339
<Or> Gate
Large Fan-In <And> Gate
VCC
f
1k
3k
200k
100k
100k
100k
1k
+0.075V
A
B
C
VCC
0
"0"
"1"
1/4 GS339
VCC
3k
100k
100k
VCC
0
"0"
"1"
10k
All diodes
1N914
D
C
B
A
VO
D4
D1
D3
D2
1/4 GS339



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com