Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS339 Datasheet(PDF) 8 Page - Globaltech Semiconductor Co.,Ltd

Part # GS339
Description  Single Supply Quad Comparator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd

GS339 Datasheet(HTML) 8 Page - Globaltech Semiconductor Co.,Ltd

Back Button GS339 Datasheet HTML 3Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 4Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 5Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 6Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 7Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 8Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 9Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 10Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 11Page - Globaltech Semiconductor Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
www.gs-power.com
Typical Application(Continue)
Limit Comparator
Comparing Input Voltages Of
Opposite Polarity
Vcc(12V)
10k
2Rs
Rs
2Rs
+VIN
LAMP
12 ESB
2N2222
+VREF HI
+VREF LOW
1/4 GS339
1/4 GS339
Vcc
100k
2N2222
100k
+VIN
-VIN
5.1k
1/2 GS393
Oring The Outputs
Zero Crossing Detector
(Single Power Supply)
Vcc
3.0k
1/4 GS339
1/4 GS339
Vo
Vo
5.1k
1/4 GS339
VIN
5.1k
5.1k
100k
100k
10k
20M
1N914
One-Shot Multivibrator
Bi-Stable Multivibrator
Vo
10k
1/4 GS339
1M
1N914
Vcc
1N914
1M
1M
0.001uF
100pF
0
V+
1ms
t0
t1
t0
+
PW
0
Vo
15k
1/4 GS339
100k
S
100k
100k
51k
R
+15V
S
R
One-Shot Multivibrator With
Input Lock Out
Zero Crossing Detector
Vo
15k
1/4 GS339
Vcc
560k
1/4 GS339
62k
10M
240k
100pF
10M
1M
1M
100k
100k
+VIN
5.1k
Vcc +
1/4 GS339
Vcc -
VIN
+
Vo



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com