Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10DMGLFB Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # R5F10DMGLFB
Description  RENESAS MCU
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10DMGLFB Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button R5F10DMGLFB Datasheet HTML 82Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 83Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 84Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 85Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 86Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 87Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 88Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 89Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 139 page
background image
RL78/D1A
3. ELECTRICAL SPECIFICATIONS (J GRADE PRODUCT)
R01DS0463EJ0120 Rev. 1.20
Page 86 of 135
Mar 31, 2026
3.7.2 ZPD characteristics
TA = -40 to +85 °C,
2.7 V
≤ EVDD0 = EVDD1 = SMVDD0 = SMVDD1 = VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = SMVSS0 = SMVSS1 = 0 V
Items
Symbols
Conditions
MIN.
TYP.
MAX.
Unit
Threshhold voltage
VZPD
0 Point detection voltage set = 000
6/200*SMVDD
±40 mv
V
0 Point detection voltage set = 001
10/200*SMVDD
±40 mv
V
0 Point detection voltage set = 010
14/200*SMVDD
±40 mv
V
0 Point detection voltage set = 011
18/200*SMVDD
±40 mv
V
0 Point detection voltage set = 100
22/200*SMVDD
±40 mv
V
0 Point detection voltage set = 101
9/200*SMVDD
±40 mv
V
0 Point detection voltage set = 110
11/200*SMVDD
±40 mv
V
Detection delay
TZPDD
100 mV Step,
50 mV Overdrive
(refer to the below
figure)
SMVDD = 4.75 V
to 5.25 V
100
ns
SMVDD = 2.7 V
to 5.5 V
100
ns
Operation Stabilization
wait time
TZPDW
Ref voltage Stabilization
+ZPD comparator Stabilization
1+5 = 6
μs
Figure 3-15. ZPD timing
Tcr
(posedge response time)
Tcf
(negedge response time)
ZPDREF +50 mV
ZPDREF (ZPD detection ref voltage)
ZPDREF -50 mV
0.5×VDD
ZPD comparator input wave
ZPD comparator output wave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com