Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10DMGLFB Datasheet(PDF) 100 Page - Renesas Technology Corp

Part # R5F10DMGLFB
Description  RENESAS MCU
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10DMGLFB Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button R5F10DMGLFB Datasheet HTML 96Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 97Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 98Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 99Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 100Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 101Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 102Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 103Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 139 page
background image
RL78/D1A
4. ELECTRICAL SPECIFICATIONS (L GRADE PRODUCT)
R01DS0463EJ0120 Rev. 1.20
Page 100 of 135
Mar 31, 2026
4.4 DC characteristics
4.4.1 Pin group 1
TA = -40 to +105
°C, 4.0 V ≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V (1/2)
Parameter
Symbols
Conditions
Min.
Typ.
Max.
Unit
Output current, highNote 1
IOH1
Per pin
-5.0
mA
IOH2
Per pin, P73 or P135 (SG port)
-13.0
mA
IOHTOTAL
Total
(for duty factors
≤ 70%Note 2)
Group 1L
-40.0
mA
Group 1R
-40.0
mA
Group 1C (128-pin,
100-pin)
-30.0
mA
for 128-pin, 100-pin
-110.0
mA
for 80-pin, 64-pin, 48-pin
-60.0
mA
Output current, low
IOL1
Per pin
8.5
mA
IOL2
Per pin, P73 or P135 (SG ports)
13.0
mA
IOLTOTAL
Total
(for duty factors
≤ 70%Note 3)
Group 1L
40.0
mA
Group 1R
35.0
mA
Group 1C (128-pin,
100-pin)
40.0
mA
for 128-pin, 100-pin
115.0
mA
for 80-pin, 64-pin, 48-pin
60.0
mA
Notes 1.
When P60 or P61 is set to Nch open drain mode, it does not drive high level output.
2.
These output current values are obtained under the condition that the duty factor is no greater than 70%.
The output current values when the duty factor is changed to a value greater than 70% can be calculated
from the following expression (when the duty factor is changed to n%).
• Total output current of pins (IOH × 0.7)/(n × 0.01)
<Example> Where n = 80% and IOH = -30.0 mA
Total output current of pins = (-30.0
× 0.7)/(80 × 0.01) ≈ -26.2 mA
However, the current that is allowed to flow into one pin does not vary depending on the duty factor. A
current higher than the absolute maximum rating must not flow into one pin.
3.
These output current values are obtained under the condition that the duty factor is no greater than 70%.
The output current values when the duty factor is changed to a value greater than 70% can be calculated
from the following expression (when the duty factor is changed to n%).
• Total output current of pins (IOL × 0.7)/(n × 0.01)
<Example> Where n = 80% and IOL = 40.0 mA
Total output current of pins = (40.0
× 0.7)/(80 × 0.01) = 35.0 mA
However, the current that is allowed to flow into one pin does not vary depending on the duty factor. A
current higher than the absolute maximum rating must not flow into one pin.
Caution Different voltage between EVDD and VDD is allowed only when LCDM register is initial value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com