Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10DMGLFB Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # R5F10DMGLFB
Description  RENESAS MCU
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10DMGLFB Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button R5F10DMGLFB Datasheet HTML 100Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 101Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 102Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 103Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 104Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 105Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 106Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 107Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 139 page
background image
RL78/D1A
4. ELECTRICAL SPECIFICATIONS (L GRADE PRODUCT)
R01DS0463EJ0120 Rev. 1.20
Page 104 of 135
Mar 31, 2026
4.4.2 Pin group 2 (ANI pins)
TA = -40 to +105
°C, 4.0 V ≤ VDD ≤ 5.5 V, VSS = 0 V
Parameter
Symbols
Conditions
Min.
Typ.
Max.
Unit
Output current, high
IOH1
Per pin
-0.1
mA
IOHTOTAL
Total
-0.8
mA
Output current, low
IOL1
Per pin
0.4
mA
IOLTOTAL
Total
3.2
mA
Input voltage, high
VIH1
0.8VDD
VDD
V
Input voltage, low
VIL1
0
0.5VDD
V
Input hysteresis width Note
VIHYS1
0.1
0.19
0.29
V
Output voltage, high
VOH1
IOH = -0.1 mA
VDD-0.5
VDD
V
Output voltage, low
VOL1
IOL = 0.4 mA
0
0.4
V
Input leakage current,
high
ILIH1
VI = VDD
1
μA
Input leakage current,
low
ILIL1
VI = VSS
-1
μA
Note This specification is guaranteed by design. It is not tested when shipment.
TA = -40 to +105
°C, 2.7 V ≤ VDD ≤ 4.0 V, VSS = 0 V
Parameter
Symbols
Conditions
Min.
Typ.
Max.
Unit
Output current, high
IOH1
Per pin
-0.1
mA
IOHTOTAL
Total
-0.8
mA
Output current, low
IOL1
Per pin
0.4
mA
IOLTOTAL
Total
3.2
mA
Input voltage, high
VIH1
0.8VDD
VDD
V
Input voltage, low
VIL1
0
0.4VDD
V
Input hysteresis width Note
VIHYS1
0.05
0.21
V
Output voltage, high
VOH1
IOH = -0.1 mA
VDD-0.5
VDD
V
Output voltage, low
VOL1
IOL = 0.4 mA
0
0.4
V
Input leakage current,
high
ILIH1
VI = VDD
1
μA
Input leakage current,
low
ILIL1
VI = VSS
-1
μA
Note
This specification is guaranteed by design. It is not tested when shipment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com