Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTHC49 Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACTHC49
Description  broad range of frequencies and tolerances in both standard and industrial temperature ranges.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTHC49 Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACTHC49 Datasheet HTML 1Page - Advanced Crystal Technology ACTHC49 Datasheet HTML 2Page - Advanced Crystal Technology ACTHC49 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
THREE LEAD VERSION DIMENSIONS (mm)
ACT HC49/U ( Custom Packages )
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
GULLWING VERSION DIMENSIONS (mm)
Please note that all parameters can not necessarily be specified in the same device
Customer to specify : Frequency, Frequency Tolerance, Temperature Stability, Operating Temperature Range, Load Capacitance &
Mode
ISO9001:2000 Registered
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
Issue: 6 C1H3
Date: 15/02/05
Reflow 240+/-5°C max.
(260°C max contact sales desk)
3 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com