Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTHC49 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTHC49
Description  broad range of frequencies and tolerances in both standard and industrial temperature ranges.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTHC49 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTHC49 Datasheet HTML 1Page - Advanced Crystal Technology ACTHC49 Datasheet HTML 2Page - Advanced Crystal Technology ACTHC49 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Fundamental & 3rd to 7th O/T
Insulation Resistance
Frequency (MHz)
ESR (
Ω) max
Frequency (MHz)
ESR (
Ω)
5th OT
7th OT
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
Please note that all parameters can not necessarily be specified in the same device
ISO9001:2000 Registered
80
120
50
40
150
60
AT Fund
AT Fund
120.00 ~ 200.00
AT Fund
3rd OT
AT Fund
AT Fund
BT Fund
3rd OT
AT Fund
60
Mode
40
30
30
AT Fund
AT Fund
AT Fund
30
25
40
300
AT Fund
AT Fund
Aging
3.000 ~ 3.199
AT Fund
2.000 ~ 2.999
SL Fund
AT Fund
3000
650
550
±5ppm / year max@25°C
Shunt Capacitance
Temp Storage Range
Frequency Range
Frequency Tolerance @25°C
Temp Operating Range
Parameter
Drive Level
Tstg
Load Capacitance
Stability over Temp Range °C
Δf/Fo
DL max
ESR
Equivalent Series Resistance
±5ppm ~ 100ppm (30ppm Std )
Please specify
7pF max
See table below
-10 ~ +60°C Std
Fa
Others available - Please specify
±5ppm ~ 100ppm
CL
Τopr
Others available - Please specify
@ DC 100V ±15V
Others available - Please specify
CO
Specification
The ACT HC49U family is available in industry standard package and specifications.
This series offers a broad range of frequencies and tolerances in both standard and
industrial temperature ranges. Housed in resistance welded cases the HC49U now
has improved aging characteristics.
Various options - Gull Wing, Third Leg, Insulating Washers etc - are available on
request
Please specify
Symbol
Please specify
1.00MHz ~ 200MHZ
fo
Condition
Δf/fo
5.000 ~ 5.999
6.000 ~ 7.999
-40°C to +85°C
AT Fund
1.8432 ~ 1.999
1.000
8 ~ 55pF or SR
50
μ W typ
IR
500M
Ω Min @ DC 100V ±15V
8.000 ~ 9.999
10.00 ~ 11.999
36.000 ~ 45.000
20.000 ~ 45.000
20.000 ~ 59.999
60.000 ~ 100.00
120
300
70
3.500 ~ 4.999
3.200 ~ 3.499
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
Dependent on cut & frequency
Mode
±5ppm ~ 100ppm (50 ppm Std )
ACT HC49/U ( Custom Packages )
Specification
60.000 ~ 150.00
12.000 ~ 13.999
14.000 ~ 16.999
17.000 ~24.999
25.000 ~ 35.999
Customer to specify : Frequency, Frequency Tolerance, Temperature Stability, Operating Temperature Range, Load Capacitance & Mode
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
Issue: 6 C1H3
Date: 6/02/05
1 of 3


Similar Part No. - ACTHC49

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTHC49-US ACT-ACTHC49-US Datasheet
46Kb / 2P
family of robust, through hole crystals featuring high reliability,
160205
ACTHC49-US-SMX ACT-ACTHC49-US-SMX Datasheet
114Kb / 1P
most cost effective and popular surface mount crystals
14/12/06
ACTHC49-USSMXE-A ACT-ACTHC49-USSMXE-A Datasheet
173Kb / 2P
SMD crystals
14/11/06
ACTHC49/US ACT-ACTHC49/US Datasheet
46Kb / 2P
family of robust, through hole crystals featuring high reliability,
160205
ACTHC49/US-SMX ACT-ACTHC49/US-SMX Datasheet
114Kb / 1P
most cost effective and popular surface mount crystals
14/12/06
More results

Similar Description - ACTHC49

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N1770 NJSEMI-2N1770 Datasheet
343Kb / 1P
BROAD VOLTAGE RANGE
logo
IK Semicon Co., Ltd
IN16C1058 IKSEMICON-IN16C1058 Datasheet
434Kb / 66P
Industrial Temperature Range
logo
JMK Inc.
HH-2178-4 JMK-HH-2178-4 Datasheet
82Kb / 1P
The filter is available in both the standard model and the high temperature model.
HH-2178-4HT JMK-HH-2178-4HT Datasheet
81Kb / 1P
The filter is available in both the standard model and the high temperature model.
logo
Marl International Limi...
235-038-93 MARL-235-038-93_13 Datasheet
254Kb / 4P
Voltage ranges to suit both AC and DC operation
logo
Xilinx, Inc
XCR22LV10 XILINX-XCR22LV10 Datasheet
209Kb / 14P
Available in commercial and industrial operating ranges
logo
Bothhand USA, LP.
S5771-LF BOTHHAND-S5771-LF Datasheet
561Kb / 1P
Extended and standard temperature range models.
logo
Amphenol Corporation
KU28 AMPHENOL-KU28 Datasheet
91Kb / 4P
Available as a broad range of resistances and material systems
logo
List of Unclassifed Man...
88950305 ETC2-88950305 Datasheet
116Kb / 2P
Broad range of supply voltage
logo
PHOENIX CONTACT
2866174 PHOENIX-2866174 Datasheet
72Kb / 4P
Universal use thanks to wide range of functions and selectable time ranges
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com