Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-CSSRM4-HW Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # GW-CSSRM4-HW
Description  OSLON® Square
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-CSSRM4-HW Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button GW-CSSRM4-HW Datasheet HTML 2Page - ams-OSRAM AG GW-CSSRM4-HW Datasheet HTML 3Page - ams-OSRAM AG GW-CSSRM4-HW Datasheet HTML 4Page - ams-OSRAM AG GW-CSSRM4-HW Datasheet HTML 5Page - ams-OSRAM AG GW-CSSRM4-HW Datasheet HTML 6Page - ams-OSRAM AG GW-CSSRM4-HW Datasheet HTML 7Page - ams-OSRAM AG GW-CSSRM4-HW Datasheet HTML 8Page - ams-OSRAM AG GW-CSSRM4-HW Datasheet HTML 9Page - ams-OSRAM AG GW-CSSRM4-HW Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
GW CSSRM4.HW
DATASHEET
DATASHEET
6 | Version 1.2 | 2024-07-01
Brightness Groups
Group Photon Flux 1) Photon Flux 1) PF/W
Total Radiant Flux
Total Radiant Flux
I
F = 700 mA
I
F = 700 mA
min.
max.
typ.
min.
max.
Φ
P
Φ
P
Φ
E
Φ
E
SH
4.60 μmol/s 4.80 μmol/s 2.40 µmol/J
1,043 mW
1,088 mW
SJ
4.80 μmol/s 5.00 μmol/s 2.50 µmol/J
1,088 mW
1,134 mW
SK
5.00 μmol/s 5.25 μmol/s 2.61 µmol/J
1,134 mW
1,190 mW
SL
5.25 μmol/s 5.50 μmol/s 2.74 µmol/J
1,190 mW
1,248 mW
SM
5.50 μmol/s 5.75 μmol/s 2.87 µmol/J
1,248 mW
1,305 mW
Note: [*] Photon Flux includes wavelengths between 280 and 800 nm.
Note: [**] Radiant Flux values are for reference only.
Forward Voltage Groups
Group
Forward Voltage 3)
Forward Voltage 3)
I
F = 700 mA
I
F = 700 mA
min.
max.
V
F
V
F
K2
2.70 V
2.80 V
L1
2.80 V
2.90 V
L2
2.90 V
3.00 V
M1
3.00 V
3.10 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com