Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-CSSRM4-HW Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # GW-CSSRM4-HW
Description  OSLON® Square
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-CSSRM4-HW Datasheet(HTML) 2 Page - ams-OSRAM AG

  GW-CSSRM4-HW Datasheet HTML 1Page - ams-OSRAM AG GW-CSSRM4-HW Datasheet HTML 2Page - ams-OSRAM AG GW-CSSRM4-HW Datasheet HTML 3Page - ams-OSRAM AG GW-CSSRM4-HW Datasheet HTML 4Page - ams-OSRAM AG GW-CSSRM4-HW Datasheet HTML 5Page - ams-OSRAM AG GW-CSSRM4-HW Datasheet HTML 6Page - ams-OSRAM AG GW-CSSRM4-HW Datasheet HTML 7Page - ams-OSRAM AG GW-CSSRM4-HW Datasheet HTML 8Page - ams-OSRAM AG GW-CSSRM4-HW Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
GW CSSRM4.HW
DATASHEET
DATASHEET
2 | Version 1.2 | 2024-07-01
OSLON® Square
GW CSSRM4.HW
New generation of OSLON Square Horti White with Photon Flux
hot binning for closer match to typical operating temperatures.
With higher brightness, it maximizes the photon flux efficacy on
system level for horticulture applications.
Unlike conventional white LEDs, ams OSRAM’s Horti White
LEDs utilizes a customized phosphor solution designed to
facilitate the increase of non-converted red photons to deliver
superior fixture level efficacy. Additionally, this high-power LED
provides excellent reliability, long lifetime, proven robustness
and low thermal resistance in a compact footprint.
Applications
- Agriculture & Horticulture
- Entertainment
- Outdoor & Industrial Lighting
Features
- Package: SMD ceramic package with silicone lens
- Typ. Radiation: 120° (Lambertian emitter)
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Radiant Flux (@ 700mA): typ. 1207 mW @ 25°C; typ. 1159 mW @ 85°C
- Radiant Efficiency (@ 700mA): typ. 59.4% @ 25°C; typ. 58.7% @ 85°C
- Photon Flux (@ 700mA): typ. 5.32 µmol/s @ 25°C; typ. 5.11 µmol/s @ 85°C
- Photon Flux Efficacy (@ 700mA): typ. 2.62 µmol/J @ 25°C; typ. 2.59 µmol/J @ 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com