Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-CSSRML-HW Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # GW-CSSRML-HW
Description  OSLON™ Optimal
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-CSSRML-HW Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button GW-CSSRML-HW Datasheet HTML 2Page - ams-OSRAM AG GW-CSSRML-HW Datasheet HTML 3Page - ams-OSRAM AG GW-CSSRML-HW Datasheet HTML 4Page - ams-OSRAM AG GW-CSSRML-HW Datasheet HTML 5Page - ams-OSRAM AG GW-CSSRML-HW Datasheet HTML 6Page - ams-OSRAM AG GW-CSSRML-HW Datasheet HTML 7Page - ams-OSRAM AG GW-CSSRML-HW Datasheet HTML 8Page - ams-OSRAM AG GW-CSSRML-HW Datasheet HTML 9Page - ams-OSRAM AG GW-CSSRML-HW Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
GW CSSRML.HW
DATASHEET
DATASHEET
6 | Version 1.2 | 2025-08-06
Brightness Groups
Group Total radiant
flux 1)
Total radiant
flux 1)
PF
PF
PF/W
Luminous Flux Luminous Flux
I
F = 350 mA
I
F = 350 mA
min.
max.
min.
max.
typ.
min.
max.
Φ
E
Φ
E
Φ
p
Φ
p
Φ
V
Φ
V
AB
525 mW
552 mW
2.26 µmol/s
2.38 µmol/s
2.27 µmol/J
176 lm
185 lm
AC
552 mW
580 mW
2.38 µmol/s
2.50 µmol/s
2.39 µmol/J
185 lm
195 lm
AD
580 mW
609 mW
2.50 µmol/s
2.63 µmol/s
2.51 µmol/J
195 lm
205 lm
AE
609 mW
640 mW
2.63 µmol/s
2.76 µmol/s
2.64 µmol/J
205 lm
215 lm
AF
640 mW
672 mW
2.76 µmol/s
2.90 µmol/s
2.77 µmol/J
215 lm
226 lm
AG
672 mW
706 mW
2.90 µmol/s
3.04 µmol/s
2.91 µmol/J
226 lm
237 lm
Note: [*] Photosynthetic Photon Flux includes wavelengths between 400 and 700 nm
Note: [**] Photon Flux includes wavelengths between 280 and 800 nm
Note: PPF, PF and Phiv values are for reference only
Forward Voltage Groups
Group
Forward Voltage 3)
Forward Voltage 3)
I
F = 350 mA
I
F = 350 mA
min.
max.
V
F
V
F
L1
2.80 V
2.90 V
L2
2.90 V
3.00 V
M1
3.00 V
3.10 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com