Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-CSSRML-HW Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # GW-CSSRML-HW
Description  OSLON™ Optimal
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-CSSRML-HW Datasheet(HTML) 2 Page - ams-OSRAM AG

  GW-CSSRML-HW Datasheet HTML 1Page - ams-OSRAM AG GW-CSSRML-HW Datasheet HTML 2Page - ams-OSRAM AG GW-CSSRML-HW Datasheet HTML 3Page - ams-OSRAM AG GW-CSSRML-HW Datasheet HTML 4Page - ams-OSRAM AG GW-CSSRML-HW Datasheet HTML 5Page - ams-OSRAM AG GW-CSSRML-HW Datasheet HTML 6Page - ams-OSRAM AG GW-CSSRML-HW Datasheet HTML 7Page - ams-OSRAM AG GW-CSSRML-HW Datasheet HTML 8Page - ams-OSRAM AG GW-CSSRML-HW Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
GW CSSRML.HW
DATASHEET
DATASHEET
2 | Version 1.2 | 2025-08-06
OSLON™ Optimal
GW CSSRML.HW
A brand new family of LEDs with our ams OSRAM’s
latest chip technology, delivering significant
performance upgrades. Offered in four
colors for ease of design and flexibility for all your
horticulture spectrum needs. With Hyper Red (660
nm), Deep Blue (450 nm), Far Red (730 nm) and
Horti White options to select from both
narrow spectrum and full spectrum
solutions can be designed to meet all crop needs for
both greenhouses and vertical farms.
The OSLON™ Optimal strikes a perfect balance of
performance and cost along with proven robustness,
high reliability and long lifetime.
Applications
- Agriculture & Horticulture
- Entertainment
- Outdoor & Industrial Lighting
Features
- Package: SMT ceramic package with silicone lens
- Typ. Radiation: 120° (Lambertian emitter)
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Radiant Flux: typ. 588 mW (H3H4 bin)
- Radiant Efficiency: typ. 57.5% (H3H4 bin)
- Photon Flux: typ. 2.57 umol/s (H3H4 bin)
- Photon Flux Efficacy: typ. 2.51 umol/J (H3H4 bin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com