Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10366ASP Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # R5F10366ASP
Description  True low-power platform (63 μA/MHz) for the general-purpose applications, with 1.8-V to 5.5-V operation, 2- to 16-Kbyte code flash memory, and 31 DMIPS at 24 MHz
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10366ASP Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button R5F10366ASP Datasheet HTML 46Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 47Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 48Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 49Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 50Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 51Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 52Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 53Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 114 page
background image
RL78/G12
2. ELECTRICAL SPECIFICATIONS (TA = –40 to +85°C)
R01DS0193EJ0250 Rev.2.50
Jan 17, 2025
Page 50 of 109
(10) Communication at different potential (1.8 V, 2.5 V, 3 V) (simplified I2C mode)
(TA = –40 to +85°C, 1.8 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
HS (high-speed
main) Mode
LS (low-speed
main) Mode
Unit
MIN.
MAX.
MIN.
MAX.
SCLr clock frequency
fSCL
4.0 V
≤ VDD ≤ 5.5 V, 2.7 V ≤ Vb ≤ 4.0 V,
Cb = 100 pF, Rb = 2.8 k
Ω
400Note1
300Note1
kHz
2.7 V
≤ VDD < 4.0 V, 2.3 V ≤ Vb ≤ 2.7 V,
Cb = 100 pF, Rb = 2.7 k
Ω
400Note1
300Note1
kHz
1.8 V
≤ VDD < 3.3 V, 1.6 V ≤ Vb ≤ 2.0 V,Note2
Cb = 100 pF, Rb = 5.5 k
Ω
300Note1
300Note1
kHz
Hold time when SCLr = “L”
tLOW
4.0 V
≤ VDD ≤ 5.5 V, 2.7 V ≤ Vb ≤ 4.0 V,
Cb = 100 pF, Rb = 2.8 k
Ω
1150
1550
ns
2.7 V
≤ VDD < 4.0 V, 2.3 V ≤ Vb ≤ 2.7 V,
Cb = 100 pF, Rb = 2.7 k
Ω
1150
1550
ns
1.8 V
≤ VDD < 3.3 V, 1.6 V ≤ Vb ≤ 2.0 V,Note2
Cb = 100 pF, Rb = 5.5 k
Ω
1550
1550
ns
Hold time when SCLr = “H”
tHIGH
4.0 V
≤ VDD ≤ 5.5 V, 2.7 V ≤ Vb ≤ 4.0 V,
Cb = 100 pF, Rb = 2.8 k
Ω
675
610
ns
2.7 V
≤ VDD < 4.0 V, 2.3 V ≤ Vb ≤ 2.7 V,
Cb = 100 pF, Rb = 2.7 k
Ω
600
610
ns
1.8 V
≤ VDD < 3.3 V, 1.6 V ≤ Vb ≤ 2.0 V,Note2
Cb = 100 pF, Rb = 5.5 k
Ω
610
610
ns
Data setup time (reception) tSU:DAT
4.0 V
≤ VDD ≤ 5.5 V, 2.7 V ≤ Vb ≤ 4.0 V,
Cb = 100 pF, Rb = 2.8 k
Ω
1/fMCK
+ 190
Note3
1/fMCK
+ 190
Note3
ns
2.7 V
≤ VDD < 4.0 V, 2.3 V ≤ Vb ≤ 2.7 V,
Cb = 100 pF, Rb = 2.7 k
Ω
1/fMCK
+ 190
Note3
1/fMCK
+ 190
Note3
ns
1.8 V
≤ VDD < 3.3 V, 1.6 V ≤ Vb ≤ 2.0 V,Note2
Cb = 100 pF, Rb = 5.5 k
Ω
1/fMCK
+ 190
Note3
1/fMCK
+ 190
Note3
ns
Data hold time
(transmission)
tHD:DAT
4.0 V
≤ VDD ≤ 5.5 V, 2.7 V ≤ Vb ≤ 4.0 V,
Cb = 100 pF, Rb = 2.8 k
Ω
0
355
0
355
ns
2.7 V
≤ VDD < 4.0 V, 2.3 V ≤ Vb ≤ 2.7 V,
Cb = 100 pF, Rb = 2.7 k
Ω
0
355
0
355
ns
1.8 V
≤ VDD < 3.3 V, 1.6 V ≤ Vb ≤ 2.0 V,Note2
Cb = 100 pF, Rb = 5.5 k
Ω
0
405
0
405
ns
Notes 1.
The value must be equal to or less than fMCK/4.
2.
Use it with VDD
≥ Vb.
3.
Set tSU:DAT so that it will not exceed the hold time when SCLr = “L” or SCLr = “H”.
Cautions 1. Select the TTL input buffer and the N-ch open drain output (VDD tolerance) mode for the SDAr pin
and the N-ch open drain output (VDD tolerance) mode for the SCLr pin by using port input mode
register 1 (PIM1) and port output mode register 1 (POM1).
For VIH and VIL, see the DC
characteristics with TTL input buffer selected.
2. IIC01 and IIC11 cannot communicate at different potential.
(Remarks are listed on the next page.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com