Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10366ASP Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # R5F10366ASP
Description  True low-power platform (63 μA/MHz) for the general-purpose applications, with 1.8-V to 5.5-V operation, 2- to 16-Kbyte code flash memory, and 31 DMIPS at 24 MHz
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10366ASP Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button R5F10366ASP Datasheet HTML 10Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 11Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 12Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 13Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 14Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 15Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 16Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 17Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 114 page
background image
RL78/G12
1. OUTLINE
R01DS0193EJ0250 Rev.2.50
Jan 17, 2025
Page 14 of 109
1.7 Outline of Functions
This outline describes the function at the time when Peripheral I/O redirection register (PIOR) is set to 00H.
(1/2)
Item
20-pin
24-pin
30-pin
R5F1026x
R5F1036x
R5F1027x
R5F1037x
R5F102Ax
R5F103Ax
Code flash memory
2 to 16 KB Note 1
4 to 16 KB
Data flash memory
2 KB
–
2 KB
–
2 KB
–
RAM
256 B to 1.5 KB
512 B to 1.5 KB
512 B to 2KB
Address space
1 MB
Main
system
clock
High-speed system
clock
X1 (crystal/ceramic) oscillation, external main system clock input (EXCLK)
HS (High-speed main) mode : 1 to 20 MHz (VDD = 2.7 to 5.5 V),
HS (High-speed main) mode : 1 to 16 MHz (VDD = 2.4 to 5.5 V),
LS (Low-speed main) mode : 1 to 8 MHz (VDD = 1.8 to 5.5 V)
High-speed on-chip
oscillator clock
HS (High-speed main) mode : 1 to 24 MHz (VDD = 2.7 to 5.5 V),
HS (High-speed main) mode : 1 to 16 MHz (VDD = 2.4 to 5.5 V),
LS (Low-speed main) mode : 1 to 8 MHz (VDD = 1.8 to 5.5 V)
Low-speed on-chip oscillator clock
15 kHz (TYP)
General-purpose register
(8-bit register × 8) × 4 banks
Minimum instruction execution time
0.04167 µs (High-speed on-chip oscillator clock: fIH = 24 MHz operation)
0.05 µs (High-speed system clock: fMX = 20 MHz operation)
Instruction set
● Data transfer (8/16 bits)
● Adder and subtractor/logical operation (8/16 bits)
● Multiplication (8 bits × 8 bits)
● Rotate, barrel shift, and bit manipulation (set, reset, test, and Boolean operation), etc.
I/O port
Total
18
22
26
CMOS I/O
12
(N-ch O.D. I/O
[VDD withstand voltage]: 4)
16
(N-ch O.D. I/O
[VDD withstand voltage]: 5)
21
(N-ch O.D. I/O
[VDD withstand voltage]: 9)
CMOS input
4
4
3
N-ch open-drain I/O
(6 V tolerance)
2
Timer
16-bit timer
4 channels
8 channels
Watchdog timer
1 channel
12-bit Interval timer
1 channel
Timer output
4 channels
(PWM outputs: 3 Note 3)
8 channels
(PWM outputs: 7 Notes 2, 3)
Notes 1.
The self-programming function cannot be used in the R5F10266 and R5F10366.
2.
The maximum number of channels when PIOR0 is set to 1.
3.
The number of PWM outputs varies depending on the setting of channels in use (the number of masters and
slaves). (See 6.9.3 Operation as multiple PWM output function in the RL78/G12 User’s Manual.)
Caution When the flash memory is rewritten via a user program, the code flash area and RAM area are used
because each library is used. When using the library, refer to RL78 Family Flash Self Programming
Library Type01 User's Manual and RL78 Family Data Flash Library Type04 User's Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com