Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10366ASP Datasheet(PDF) 106 Page - Renesas Technology Corp

Part # R5F10366ASP
Description  True low-power platform (63 μA/MHz) for the general-purpose applications, with 1.8-V to 5.5-V operation, 2- to 16-Kbyte code flash memory, and 31 DMIPS at 24 MHz
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10366ASP Datasheet(HTML) 106 Page - Renesas Technology Corp

Back Button R5F10366ASP Datasheet HTML 102Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 103Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 104Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 105Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 106Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 107Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 108Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 109Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 110Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 114 page
background image
RL78/G12
4. PACKAGE DRAWINGS
R01DS0193EJ0250 Rev.2.50
Jan 17, 2025
Page 106 of 109
4.2 24-pin package
2012 Renesas Electronics Corporation. All rights reserved.
S
y
e
Lp
S
x
bA B
M
A
D
E
18
12
13
6
7
1
24
A
S
B
A
D
E
A
e
Lp
x
y
4.00 0.05
0.50
0.05
0.05
4.00 0.05
0.75 0.05
0.40 0.10
S
D2
E2
(UNIT:mm)
ITEM
DIMENSIONS
19
DETAIL OF A PART
EXPOSED DIE PAD
ITEM
D2
E2
A
MIN NOM MAX
2.45 2.50
EXPOSED
DIE PAD
VARIATIONS
2.55
MIN NOM MAX
2.45 2.50 2.55
b
0.25 0.05
0.07
JEITA Package Code
RENESAS Code
Previous Code
MASS (TYP.) [g]
P-HWQFN24-4x4-0.50
PWQN0024KE-A
P24K8-50-CAB-1
0.04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com