Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP97CB Datasheet(PDF) 1 Page - Optronics International

Part # LP97CB
Description  Sealed License/Utility Light
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International

LP97CB Datasheet(HTML) 1 Page - Optronics International

  LP97CB Datasheet HTML 1Page - Optronics International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Optronics International ­ www.optronicsinc.com ­ 888­654­0429
LP97 SERIES
Sealed License/Utility Light
Sonically sealed, waterproof
Terminal is two .156 female barrels; accepts PL­10 plug
Available in bulk and polypack packaging
Three Year Warranty
Products
Bulk
Polypack
Diodes
Description
Qty
LP97CB
LP97CBP
Sealed surface mount license light, accepts PL­
10 plug
50
Accessories
Bulk
Polypack
Diodes
Description
Qty
A46PB
A46PBP
Right angle 2­wire pigtail with PL­10 plug, 6”
leads, 4.25mm eyelet on ground wire
100
A86PB
A86PBP
Right angle 2­wire pigtail with PL­10 plug, 18”
leads, 5.5mm eyelet on ground wire
100
Specifications
FMVSS:
L
MATERIALS:
Polycarbonate lens and housing
VOLT/AMP:
12.8VDC ­ 0.2A
WT/DIMS:
.11 lb. / 3.375” x 1.25” x 2.375”
WARRANTY:
Three Year Warranty


Similar Part No. - LP97CB

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LP9435ET1G LRC-LP9435ET1G Datasheet
422Kb / 4P
High Power and current handing capability Lead free product is acquired
logo
VBsemi Electronics Co.,...
LP9435ET1G VBSEMI-LP9435ET1G Datasheet
959Kb / 8P
P-Channel 30-V (D-S) MOSFET
logo
Leshan Radio Company
LP9435LT1G LRC-LP9435LT1G Datasheet
416Kb / 4P
30V P-Channel Enhancement-Mode MOSFET
logo
VBsemi Electronics Co.,...
LP9435LT1G VBSEMI-LP9435LT1G Datasheet
484Kb / 9P
P-Channel 30 V (D-S) MOSFET
logo
Leshan Radio Company
LP9435LT1G LRC-LP9435LT1G_15 Datasheet
416Kb / 4P
30V P-Channel Enhancement-Mode MOSFET
More results

Similar Description - LP97CB

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
79001CB DIALIGHT-79001CB Datasheet
83Kb / 1P
LED License Plate Light
logo
General Cable Technolog...
04781.96.17 GENERAL-04781.96.17 Datasheet
63Kb / 1P
Plug-it짰 Fluorescent Utility Light
logo
List of Unclassifed Man...
AU-1039 ETC2-AU-1039 Datasheet
62Kb / 1P
UTILITY CABINET
12110252 ETC2-12110252 Datasheet
144Kb / 1P
UTILITY KNIVES
logo
Bud Industries, Inc.
CU-463 BUD-CU-463 Datasheet
53Kb / 1P
CONTOUR UTILITY CABINET
logo
Xilinx, Inc
DS481 XILINX-DS481 Datasheet
196Kb / 5P
Utility Vector Logic
DS482 XILINX-DS482 Datasheet
188Kb / 5P
Utility Reduced Logic
DS694 XILINX-DS694 Datasheet
154Kb / 4P
Utility IO Multiplexer
logo
American Electronic Com...
DG71 AEC-DG71 Datasheet
380Kb / 3P
Utility meters
logo
ADL Embedded Solutions
ADLSSTV2.0 ADL-ADLSSTV2.0 Datasheet
461Kb / 1P
Software Utility
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com