Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8564 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8564
Description  12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8564 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC8564 Datasheet HTML 4Page - Texas Instruments DAC8564 Datasheet HTML 5Page - Texas Instruments DAC8564 Datasheet HTML 6Page - Texas Instruments DAC8564 Datasheet HTML 7Page - Texas Instruments DAC8564 Datasheet HTML 8Page - Texas Instruments DAC8564 Datasheet HTML 9Page - Texas Instruments DAC8564 Datasheet HTML 10Page - Texas Instruments DAC8564 Datasheet HTML 11Page - Texas Instruments DAC8564 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
TYPICAL CHARACTERISTICS: Internal Reference
2.503
2.502
2.501
2.500
2.499
2.498
2.497
120
0
40
60
20
100
-40
-20
Temperature( C)
°
10UnitsShown
80
2.503
2.502
2.501
2.500
2.499
2.498
2.497
120
0
40
60
20
80
100
-40
-20
Temperature( C)
°
13UnitsShown
40
30
20
10
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
TemperatureDrift(ppm/°C)
Typ:2ppm/°C
Max:5ppm/ C
°
30
20
10
0
1
3
5
7
9
11
13
15
17
19
TemperatureDrift(ppm/ C)
°
Typ:5ppm/°C
Max:25ppm/ C
°
200
150
100
50
0
-50
-100
-150
-200
1800
300
600
900
1200
1500
0
Time(Hours)
20UnitsShown
Average
40
30
20
10
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Typ:1.2ppm/°C
Max:3ppm/°C
TemperatureDrift(ppm/°C)
DAC7565
SBAS412A – FEBRUARY 2008 – REVISED MARCH 2008 ............................................................................................................................................... www.ti.com
At TA = +25°C, unless otherwise noted.
INTERNAL REFERENCE VOLTAGE
INTERNAL REFERENCE VOLTAGE
vs TEMPERATURE (Grade C)
vs TEMPERATURE (Grade A)
Figure 1.
Figure 2.
REFERENCE OUTPUT TEMPERATURE DRIFT
REFERENCE OUTPUT TEMPERATURE DRIFT
(–40
°C to +120°C, Grade C)
(–40
°C to +120°, Grade A)
Figure 3.
Figure 4.
LONG-TERM
REFERENCE OUTPUT TEMPERATURE DRIFT
(0
°C to +120°C, Grade C)
STABILITY/DRIFT(1)
Figure 5.
Figure 6.
(1)
Explained in more detail in the Application Information section of this data sheet.
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): DAC7565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com