Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8564 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8564
Description  12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8564 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC8564 Datasheet HTML 6Page - Texas Instruments DAC8564 Datasheet HTML 7Page - Texas Instruments DAC8564 Datasheet HTML 8Page - Texas Instruments DAC8564 Datasheet HTML 9Page - Texas Instruments DAC8564 Datasheet HTML 10Page - Texas Instruments DAC8564 Datasheet HTML 11Page - Texas Instruments DAC8564 Datasheet HTML 12Page - Texas Instruments DAC8564 Datasheet HTML 13Page - Texas Instruments DAC8564 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
TYPICAL CHARACTERISTICS: DAC at AVDD = 5V
1.0
0.5
0
-0.5
-1.0
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
0
512
1024
1536
2048
DigitalInputCode
2560
3072
3584
4096
ChannelA,AV
=5V,ExternalV
=4.99V
DD
REF
1.0
0.5
0
-0.5
-1.0
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
0
512
1024
1536
2048
DigitalInputCode
2560
3072
3584
4096
ChannelB,AV
=5V,ExternalV
=4.99V
DD
REF
1.0
0.5
0
-0.5
-1.0
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
0
512
1024
1536
2048
DigitalInputCode
2560
3072
3584
4096
ChannelC,AV
=5V,ExternalV
=4.99V
DD
REF
1.0
0.5
0
-0.5
-1.0
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
0
512
1024
1536
2048
DigitalInputCode
2560
3072
3584
4096
ChannelD,AV
=5V,ExternalV
=4.99V
DD
REF
1.0
0.5
0
-0.5
-1.0
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
0
512
1024
1536
2048
DigitalInputCode
2560
3072
3584
4096
ChannelA,AV
=5V,ExternalV
=4.99V
DD
REF
1.0
0.5
0
-0.5
-1.0
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
0
512
1024
1536
2048
DigitalInputCode
2560
3072
3584
4096
ChannelB,AV
=5V,ExternalV
=4.99V
DD
REF
DAC7565
SBAS412A – FEBRUARY 2008 – REVISED MARCH 2008 ............................................................................................................................................... www.ti.com
At TA = +25°C, external reference used, DAC output not loaded, and all DAC codes in straight binary data format, unless
otherwise noted.
LINEARITY ERROR AND
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE (–40
°C)
vs DIGITAL INPUT CODE (–40
°C)
Figure 13.
Figure 14.
LINEARITY ERROR AND
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE (–40
°C)
vs DIGITAL INPUT CODE (–40
°C)
Figure 15.
Figure 16.
LINEARITY ERROR AND
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE (+25
°C)
vs DIGITAL INPUT CODE (+25
°C)
Figure 17.
Figure 18.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): DAC7565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com