Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q65115A1908 Datasheet(PDF) 3 Page - ams-OSRAM AG

Part # Q65115A1908
Description  SOLERIQ™ S 15
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

Q65115A1908 Datasheet(HTML) 3 Page - ams-OSRAM AG

  Q65115A1908 Datasheet HTML 1Page - ams-OSRAM AG Q65115A1908 Datasheet HTML 2Page - ams-OSRAM AG Q65115A1908 Datasheet HTML 3Page - ams-OSRAM AG Q65115A1908 Datasheet HTML 4Page - ams-OSRAM AG Q65115A1908 Datasheet HTML 5Page - ams-OSRAM AG Q65115A1908 Datasheet HTML 6Page - ams-OSRAM AG Q65115A1908 Datasheet HTML 7Page - ams-OSRAM AG Q65115A1908 Datasheet HTML 8Page - ams-OSRAM AG Q65115A1908 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
GW KAGLB9.KM
DATASHEET
DATASHEET
3 | Version 1.2 | 2025-12-08
Ordering Information
Type
Color temperature
Luminous Flux 1)
Ordering Code
I
F = 540 mA
Φ
V
GW KAGLB9.KM-E20-27S3
2700 K
2755 ... 3260 lm
Q65115A1908
GW KAGLB9.KM-E21-30S3
3000 K
2900 ... 3435 lm
Q65115A1909
GW KAGLB9.KM-E19-35S3
3500 K
2790 ... 3305 lm
Q65115A1899
GW KAGLB9.KM-E16-40S3
4000 K
2825 ... 3345 lm
Q65115A1910
GW KAGLB9.KM-E17-50S3
5000 K
2840 ... 3365 lm
Q65115A1911
GW KAGLB9.KM-E23-57S3
5700 K
2985 ... 3535 lm
Q65115A1912
GW KAGLB9.KM-E25-65S3
6500 K
2980 ... 3530 lm
Q65115A1913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com